Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

095PLL-4TSI Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 095PLL-4TSI
Description  Aluminum Capacitors Power Long Life 4 Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

095PLL-4TSI Datasheet(HTML) 6 Page - Vishay Siliconix

  095PLL-4TSI Datasheet HTML 1Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 2Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 3Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 4Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 5Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 6Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
095 PLL-4TSI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life 4 Terminal Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28393
6
Revision: 08-Aug-08
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 85 °C; UR applied;
3000 hours
ΔC/C: ± 10 %
ESR
≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 4.13
Tamb = 85 °C; UR and IR applied;
10 000 hours
ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage
≤ 3 %
Shelf life
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
1000 hours
after test: UR to be applied for 30 minutes
24 to 48 hours before measurement
ΔC/C: ± 10 %
ESR
≤ 1.2 x spec. limit
IL5 ≤ 2 x spec. limit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn