Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0929 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA0929
Description  CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0929 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button ENA0929 Datasheet HTML 2Page - Sanyo Semicon Device ENA0929 Datasheet HTML 3Page - Sanyo Semicon Device ENA0929 Datasheet HTML 4Page - Sanyo Semicon Device ENA0929 Datasheet HTML 5Page - Sanyo Semicon Device ENA0929 Datasheet HTML 6Page - Sanyo Semicon Device ENA0929 Datasheet HTML 7Page - Sanyo Semicon Device ENA0929 Datasheet HTML 8Page - Sanyo Semicon Device ENA0929 Datasheet HTML 9Page - Sanyo Semicon Device ENA0929 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LC87F5NC8A
No.A0929-6/25
Pin Assignment
SANYO: QIP100E(14
×20) “Lead-free Type”
SI2P1/SI2/SB2
SI2P0/SO2
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
VDD4
VSS4
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
PB6
PB5
PB4
PB3
PB2
PB1
PB0
VSS3
VDD3
PC7/DBGP2
PC6/DBGP1
PC5/DBGP0
PC4
PC3
PC2
PC1
PC0
PA0
PA1
PA2
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
LC87F5NC8A
Top view


Similar Part No. - ENA0929

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0922 SANYO-ENA0922 Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0923 SANYO-ENA0923 Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0923A SANYO-ENA0923A Datasheet
559Kb / 7P
   General-Purpose Switching Device Applications
ENA0928 SANYO-ENA0928 Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA0928 ONSEMI-ENA0928 Datasheet
167Kb / 22P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - ENA0929

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com