Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5NC8A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F5NC8A
Description  CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5NC8A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F5NC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5NC8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC87F5NC8A
No.A0929-10/25
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port
Options Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
N-channel open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P20 to P27
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P30 to P36
1 bit
2
N-channel open drain
Programmable
P70
-
No
N-channel open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P87
-
No
N-channel open drain
No
1
CMOS
Programmable
PA0 to PA5
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
PB0 to PB7
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
PC0 to PC7
1 bit
2
N-channel open drain
Programmable
PE0 to PE7
-
No
CMOS
Programmable
PF0 to PF7
-
No
CMOS
Programmable
SI2P0, SI2P2
SI2P3
-
No
CMOS
No
SI2P1
-
No
CMOS (when selected as ordinary port)
N-channel open drain (When SIO2 data is selected)
No
PWM0, PWM1
-
No
CMOS
No
XT1
-
No
Input only
No
XT2
-
No
Output for 32.768kHz quartz oscillator
N-channel open drain (when in general-purpose No
output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4-bit units (P00 to 03, P04 to 07).
*1: Make the following connection to minimize the noise input to the VDD1 pin and prolong the backup time.
Be sure to electrically short the VSS1, VSS2, VSS3 and VSS4 pins.
(Example 1) When backup is active in the HOLD mode, the high level of the port outputs is supplied by the
backup capacitors.
LSI
Power
Supply
VSS1
Back-up
capacitor
VSS2VSS3
VDD3
VDD2
VDD1
VDD4
VSS4


Similar Part No. - LC87F5NC8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F5NC8A ONSEMI-LC87F5NC8A Datasheet
180Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F5NC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com