Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90SQ035 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 90SQ035
Description  Schottky Rectifier, 9 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90SQ035 Datasheet(HTML) 5 Page - Vishay Siliconix

  90SQ035 Datasheet HTML 1Page - Vishay Siliconix 90SQ035 Datasheet HTML 2Page - Vishay Siliconix 90SQ035 Datasheet HTML 3Page - Vishay Siliconix 90SQ035 Datasheet HTML 4Page - Vishay Siliconix 90SQ035 Datasheet HTML 5Page - Vishay Siliconix 90SQ035 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93417
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Nov-08
5
90SQ... Series
Schottky Rectifier, 9 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
90 = Current x 10
2
-
S = DO-204AR
3
-
Q = Schottky Q.. series
4
-
Voltage rating
5
-
TR = Tape and reel package (1500 pcs)
None = Box package (300 pcs)
030 = 30 V
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
90
S
Q
045
TR
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95243
Part marking information
http://www.vishay.com/doc?95325
Packaging information
http://www.vishay.com/doc?95332


Similar Part No. - 90SQ035

ManufacturerPart #DatasheetDescription
logo
International Rectifier
90SQ035 IRF-90SQ035 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
90SQ035 NJSEMI-90SQ035 Datasheet
142Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 90SQ035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95SQ015 VISHAY-95SQ015 Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
VS-90SQ045 VISHAY-VS-90SQ045 Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
95SQ015 VISHAY-95SQ015_12 Datasheet
142Kb / 7P
   Schottky Rectifier, 9 A
Revision: 09-Sep-11
VS-90SQ VISHAY-VS-90SQ Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
logo
International Rectifier
95SQ015 IRF-95SQ015 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com