Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0892 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0892
Description  CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0892 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0892 Datasheet HTML 1Page - Sanyo Semicon Device ENA0892 Datasheet HTML 2Page - Sanyo Semicon Device ENA0892 Datasheet HTML 3Page - Sanyo Semicon Device ENA0892 Datasheet HTML 4Page - Sanyo Semicon Device ENA0892 Datasheet HTML 5Page - Sanyo Semicon Device ENA0892 Datasheet HTML 6Page - Sanyo Semicon Device ENA0892 Datasheet HTML 7Page - Sanyo Semicon Device ENA0892 Datasheet HTML 8Page - Sanyo Semicon Device ENA0892 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC87F5M64A
No.A0892-3/22
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
Interrupts
• 27 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt
requests of the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer0/base timer1
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/UART2 receive
8
0003BH
H or L
SIO/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/T6/T7
10
0004BH
H or L
Port 0/T4/T5/PWM2, PWM3
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 1024 levels (the stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16-bits × 8-bits
(5 tCYC execution time)
• 24-bits × 16-bits (12 tCYC execution time)
• 16-bits ÷ 8-bits
(8 tCYC execution time)
• 24-bits ÷ 16-bits (12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal)
: For system clock
• CF oscillation circuit
: For system clock, with internal Rf
• Crystal oscillation circuit
: For low-speed system clock
• Multifrequency RC oscillation circuit (internal) : For system clock
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 250ns, 500ns, 1.0μs, 2.0μs, 4.0μs, 8.0μs, 16.0μs, 32.0μs, and
64.0
μs (at a main clock rate of 12MHz).


Similar Part No. - ENA0892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0892B ONSEMI-ENA0892B Datasheet
166Kb / 22P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

Similar Description - ENA0892

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F1D64A SANYO-LC87F1D64A Datasheet
197Kb / 29P
   CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com