Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1HC8SA Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC87F1HC8SA
Description  CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8SA Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC87F1HC8SA Datasheet HTML 13Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 14Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 15Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 16Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 17Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 18Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 19Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 20Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LC87F1HC8SA
No.A1095-17/27
3. SIO4 Serial I/O Characteristics (Note 4-3-1)
Specification
Parameter
Symbol
Pin/
Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(5)
2
Low level
pulse width
tSCKL(5)
1
tSCKH(5)
See Fig. 8.
1
tSCKHA(5a)
• USB, SIO0 continuous transfer
mode, AIF, SIO9, and DMCOPY
not used at the same time.
• See Fig. 8.
• (Note 4-3-2)
4
tSCKHA(5b)
• USB used at the same time
• SIO0 continuous transfer mode,
AIF, SIO9, DMCOPY not used at
the same time.
• See Fig. 8.
• (Note 4-3-2)
7
High level
pulse width
tSCKHA(5c)
SCK4(P24)
• USB, SIO0 continuous transfer
mode, SIO9, and DMCOPY used
at the same time.
• AIF not used at the same time.
• See Fig. 8.
• (Note 4-3-2)
2.7 to 5.5
12
Frequency
tSCK(6)
4/3
tCYC
Low level
pulse width
tSCKL(6)
1/2
tSCKH(6)
• When CMOS output type is
selected.
• See Fig. 8.
1/2
tSCK
tSCKHA(6a)
• USB, SIO0 continuous transfer
mode, AIF, SIO9, and DMCOPY
not used at the same time.
• When CMOS output type is
selected.
• See Fig. 8.
tSCKH(6)
+
(5/3)tCYC
tSCKH(6)
+
(10/3)tCYC
tSCKHA(6b)
• USB used at the same time.
• SIO0 continuous transfer mode,
AIF, SIO9, and DMCOPY not
used at the same time.
• When CMOS output type is
selected.
• See Fig. 8.
tSCKH(6)
+
(5/3)tCYC
tSCKH(6)
+
(19/3)tCYC
High level
pulse width
tSCKHA(6c)
SCK4(P24)
• USB, SIO0 continuous transfer
mode, SIO9, and DMCOPY used
at the same time.
• AIF not used at the same time.
• When CMOS output type is
selected.
• See Fig. 8.
2.7 to 5.5
tSCKH(6)
+
(5/3)tCYC
tSCKH(6)
+
(34/3)tCYC
tCYC
Note 4-3-1: These specifications are theoretical values. Margins must be allowed according to the actual operating
conditions.
Note 4-3-2: In an application where the serial clock input is to be used in the continuous data transfer mode, the time
from SI4RUN being set when serial clock is high to the falling edge of the first serial clock must be longer
than tSCKHA.
Continued on next page.


Similar Part No. - LC87F1HC8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC87F1HC8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com