Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80D472P050MB2D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 80D472P050MB2D
Description  Aluminum Capacitors 85 째C, Snap-In
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D472P050MB2D Datasheet(HTML) 2 Page - Vishay Siliconix

  80D472P050MB2D Datasheet HTML 1Page - Vishay Siliconix 80D472P050MB2D Datasheet HTML 2Page - Vishay Siliconix 80D472P050MB2D Datasheet HTML 3Page - Vishay Siliconix 80D472P050MB2D Datasheet HTML 4Page - Vishay Siliconix 80D472P050MB2D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 42060
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 27-Aug-08
219
80D
Aluminum Capacitors
+ 85 °C, Snap-In
Vishay Sprague
Notes
(1) Style A and B not available in 0.866" (22.0mm) diameter units
(2) Pin-type molded cover available on 80D/82D through 450 V. For 81D, only up through 250 V.
DIMENSIONAL AND AVAILABLE FORMS
DIMENSIONS in inches (millimeters)
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS (1)
DIAMETER
STYLE A
STYLE B
D
CASE CODE
B
R
C
R
1.00 (25.0)
J
0.093 (2.4)
0.301 (7.6)
140°
N/A
1.18 (30.0)
K
0.125 (2.3)
0.363 (9.2)
120°
0.391 (9.9) (2)
1.38 (35.0)
M
0.125 (3.2)
0.458 (11.6)
120°
0.458 (11.6) (2)
Style A
Style B
Style D


Similar Part No. - 80D472P050MB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Shanghai Yint Electroni...
80D-11 YINT-80D-11 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
80D-11 LEIDITECH-80D-11 Datasheet
3Mb / 24P
   NTC Specification
80D-11 LEIDITECH-80D-11 Datasheet
2Mb / 24P
   NTC Specification
logo
List of Unclassifed Man...
80D-5 ETC1-80D-5 Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 80D472P050MB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com