Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11852FV Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB11852FV
Description  Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11852FV Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11852FV Datasheet HTML 4Page - Sanyo Semicon Device LB11852FV Datasheet HTML 5Page - Sanyo Semicon Device LB11852FV Datasheet HTML 6Page - Sanyo Semicon Device LB11852FV Datasheet HTML 7Page - Sanyo Semicon Device LB11852FV Datasheet HTML 8Page - Sanyo Semicon Device LB11852FV Datasheet HTML 9Page - Sanyo Semicon Device LB11852FV Datasheet HTML 10Page - Sanyo Semicon Device LB11852FV Datasheet HTML 11Page - Sanyo Semicon Device LB11852FV Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LB11852FV
No.A1112-11/12
〈LIM pin〉
The minimum speed is determined by the voltage of the LIM pin.
1) Obtain the ratio of the minimum speed required to the maximum speed.
Ra = Minimum/maximum speed … (1)
In the example shown in the figure above : Ra = minimum/maximum speed = 3000/10000 = 0.3
2) Obtain the product of the duty ratio at which the maximum speed is achieved and the value in formula (1).
Ca = Maximum speed duty ratio
× Ra … (2)
In the example given : Ca = maximum speed duty ratio
× Ra = 0.8 × 0.3 = 0.24
3) Obtain the required LIM pin voltage.
LIM = 5 - (3
× Ca) … (3)
In the example given : LIM = 5 - (3
× Ca) = 5 - (3 × 0.24) ≈ 4.3V
4) Divide the resistance of 5VREG to generate the LIM voltage.
In the example given, the voltage is 4.3V so the resistance ratio is 1 : 6.
The resistance is 10k
Ω between 5VREG and LIM and 62kΩ between LIM and GND.
(RPM)
Maximum speed
Minimum
speed setup
8000
10000
6000
4000
2000
0%
5V
100%
2V
CTL Duty(%)
CVO pin voltage (V)
VREF
CVI
LIM
5VREG
SOFT


Similar Part No. - LB11852FV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-E ONSEMI-LB11852FV-MPB-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-H ONSEMI-LB11852FV-MPB-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-E ONSEMI-LB11852FV-TLM-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-H ONSEMI-LB11852FV-TLM-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
More results

Similar Description - LB11852FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11850V SANYO-LB11850V Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
LB1862MC SANYO-LB1862MC Datasheet
124Kb / 7P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
   Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com