Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1096 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1096
Description  Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1096 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1096 Datasheet HTML 1Page - Sanyo Semicon Device ENA1096 Datasheet HTML 2Page - Sanyo Semicon Device ENA1096 Datasheet HTML 3Page - Sanyo Semicon Device ENA1096 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB11669M
No.A1096-3/4
Pin Assignment
Top View
RD
IN-
IN+
CT
VIN
FG
OUT1
NC
OUT2
GND
Block Diagram
VIN
CT
HALL
IN+
IN-
OUT2
FG
OUT1
R1
VCC
GND
L1
L2
RD
Thermal protection
Control
block
Constant current
circuit
Truth table
IN-
IN+
CT
OUT1
OUT2
FG
RD
Mode
H
L
H
L
L
L
L
H
L
L
H
OFF
L
Rotation
H
L
OFF
OFF
L
OFF
L
H
H
OFF
OFF
OFF
OFF
Lock protection


Similar Part No. - ENA1096

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1090A SANYO-ENA1090A Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
logo
ON Semiconductor
ENA1090A ONSEMI-ENA1090A Datasheet
528Kb / 8P
   RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
ENA1091A SANYO-ENA1091A Datasheet
491Kb / 7P
   UHF to S-Band Low-Noise Amplifier Applications
ENA1092A SANYO-ENA1092A Datasheet
511Kb / 7P
   VHF Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
ENA1092A ONSEMI-ENA1092A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
More results

Similar Description - ENA1096

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Sanyo Semicon Device
LA6583MC SANYO-LA6583MC Datasheet
89Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581CL SANYO-LA6581CL Datasheet
66Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T Datasheet
64Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com