Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0654 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # ENA0654
Description  Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0654 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button ENA0654 Datasheet HTML 4Page - Sanyo Semicon Device ENA0654 Datasheet HTML 5Page - Sanyo Semicon Device ENA0654 Datasheet HTML 6Page - Sanyo Semicon Device ENA0654 Datasheet HTML 7Page - Sanyo Semicon Device ENA0654 Datasheet HTML 8Page - Sanyo Semicon Device ENA0654 Datasheet HTML 9Page - Sanyo Semicon Device ENA0654 Datasheet HTML 10Page - Sanyo Semicon Device ENA0654 Datasheet HTML 11Page - Sanyo Semicon Device ENA0654 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LA75520KVA
No.A0654-11/12
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent Circuit
16
IF AGC
IF AGC filter connection pin.
The signal peak-detected by the built-in AGC
detector is converted to the AGC voltage at pin 16.
Additionally, a second AGC filter (a lag-lead filter)
used to create the dual time constants is provided
internally in the IC.
Use a 0.022
μF capacitor as the external capacitor
(C1), and adjust the value according to the sag,
AGC speed, and other characteristics.
16
5k
Ω
1k
Ω
1k
Ω
C1
17
18
VIF IN2
VIF IN1
VIF amplifier input pin
The input circuit is a balanced circuit, and the input
impedance is as follows:
R
≈ 1.0kΩ
18
17
19
GND
20
RF AGC VR
RF AGC volume connection pin
This pin sets the tuner RF AGC operating point.
Also, the FM output and the video output can both
be muted at the same time by connecting this pin to
ground.
20
21
SIF CARRIER OUT
First SIF output pin
This is an emitter-follower output with a 200
Ω
resistor attached in series.
21
200
Ω
22
AUDIO BIAS
FILTER
Connection pin for a filter used to hold the FM
detector output DC voltage fixed. Normally, a 1
μF
electrolytic capacitor should be used. The
capacitance (CI) should be increased if the low
band (around 50Hz) frequency characteristics need
to be improved.
22
300
Ω
300
Ω 40kΩ
40k
Ω
C1
+
Continued on next page.


Similar Part No. - ENA0654

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0605A SANYO-ENA0605A Datasheet
437Kb / 6P
   Varactor Diode for AFC, VCO
ENA0628A SANYO-ENA0628A Datasheet
43Kb / 3P
   Schottky Barrier Diode S to X-Band Detector, Mixer Applications
ENA0628B SANYO-ENA0628B Datasheet
351Kb / 5P
   S to X-Band Detector, Mixer Applications
ENA0636 SANYO-ENA0636 Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 5A Rectifier
ENA0649 SANYO-ENA0649 Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
More results

Similar Description - ENA0654

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com