Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75520KVA Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA75520KVA
Description  Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75520KVA Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA75520KVA Datasheet HTML 2Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 3Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 4Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 5Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 6Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 7Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 8Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 9Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LA75520KVA
No.A0654-6/12
Pin Assignment
Block Diagram and Sample Application
1
2
3
4
5
6
7
8
9
10
11
12
DE-EMPHASIS C
SIF AGC FILTER
FM PLL FILTER
VCC
VIDEO OUTPUT
EQ FILTER
SIF SYSTEM SW A
APC FILTER
SIF SYSTEM SW B
VIF FREQUENCY SW
REFERENCE CP INPUT
AFT OUTPUT
AUDIO OUTPUT
FILTER CONTROL C
AUDIO BIAS FILTER
SIF CARRIER OUTPUT
RF AGC VR
GND
VIF IN1
VIF IN2
VIF AGC FILTER
AFT MUTE LEVEL
RF AGC OUTPUT
1st SIF INPUT
24
23
22
21
20
19
18
17
16
15
14
13
Top View
LA75520KVA
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AFT OUTPUT
PCA01178
VIF/SIF
INPUT
RF AGC
OUTPUT
VCC(5V)
AUDIO
OUTPUT
SOUND CARRIER
OUTPUT
AMP
VIF
AMP
SIF
AMP
1 stSIF
AMP
EQ
AMP
FM
DET
AGC
APC
COM
TRAP
INT
VIDEO
DET
PHASE
CTL
SPLI
IF
AGC
RF
AGC
VCO
AFT
AGC
OMD
SW
MODE
CTRL
SYSTEM SW
A
VIDEO
OUTPUT
SYSTEM SW
B
VIF FREQ.
4.43/4MHz
DE-
EMP
TRAP
AMP
SAWF
(S)
SAWF(P)
V1
V2
V3
V4
SW13
V1
V2
V3
SW10
VIF FREQUENCY
V3
V2
V1
39.5MHz
38.9MHz
38.0MHz
SW11
REFERENCE
OPEN
SHORT
4.43MHz
4.0MHz
SW13
SYSTEM
OPEN
SHORT
SPLIT
INTER
SW15
ATF MUTE LEVEL
V4
V3
V2
MIDDLE(VCC/2)
HI(VCC)
V1
B/G TRAP SHIFT
0
+250kHz
0
+250kHz
Pin7
SIF SYSTEM
B/G
I
Pin9
Hi
Hi
Lo
Lo
Hi
Lo
Hi
Lo
D/K
M
SW15
SW10


Similar Part No. - LA75520KVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
More results

Similar Description - LA75520KVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz