Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75520KVA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA75520KVA
Description  Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75520KVA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA75520KVA Datasheet HTML 1Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 2Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 3Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 4Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 5Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 6Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 7Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 8Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
80807 MS PC 20061214-S00006 No.A0654-1/12
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LA75520KVA
Overview
The LA75520KVA is a fully adjustment-free VIF + SIF signal processing IC for TV sets and VTRs that supports the PAL
video standard. It supports 38.0MHz, 38.9MHz, and 39.5MHz as the IF frequencies, as well as PAL sound multi-system
(M/N, B/G, I and D/K), and contains an on-chip sound carrier trap. The IC employs a 4MHz frequency (which can be
switched to 4.43MHz) as the reference frequency of the adjustment free circuit, and controls the VCO, AFT, and sound
filter using an external input signal.
Features
• Internal VCO adjustment free circuit eliminating the need for an external VCO coil.
• Internal sound carrier trap enables easy configuration of PAL sound multi-system at low cost.
• Considerably reduces the number of required peripheral parts.
• Use of digital AFT eliminates a problem of AFT tolerance.
• Package: SSOP24 (225mil)
Functions
• VIF amplifier
• EQAMP
• Adjustment-free VCO and PLL detector circuit
• Internal sound carrier trap
• Digital AFT circuit
• First SIF detector circuit
• RF AGC
• PLL-FM detector circuit
• Buzz canceller
Ordering number : ENA0654
Monolithic Linear IC
IF Signal Processing (VIF+SIF) IC
that Supports the PAL Video
Standard for TV Sets and VCRs


Similar Part No. - LA75520KVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
More results

Similar Description - LA75520KVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz