Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1181 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1181
Description  Monolithic Linear IC Audio Interface for DSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1181 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1181 Datasheet HTML 1Page - Sanyo Semicon Device ENA1181 Datasheet HTML 2Page - Sanyo Semicon Device ENA1181 Datasheet HTML 3Page - Sanyo Semicon Device ENA1181 Datasheet HTML 4Page - Sanyo Semicon Device ENA1181 Datasheet HTML 5Page - Sanyo Semicon Device ENA1181 Datasheet HTML 6Page - Sanyo Semicon Device ENA1181 Datasheet HTML 7Page - Sanyo Semicon Device ENA1181 Datasheet HTML 8Page - Sanyo Semicon Device ENA1181 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LA74303FN
No.A1181-4/18
Description of the Content of Serial Communication
DATA No.
Parameter
Default
0
DUMMY
0
1
LPF Cut-off frequency SW
0:11kHz, 1:4kHz
1
2
VREF capacitor charging circuit control SW
0:ON, 1:OFF
0
3
MIC AMP POWER SW
0:ON, 1:OFF
0
4
ALC AMP POWER SW
0:ON, 1:OFF
0
5
LPF1 MODE SW
0:PB MODE1, 1:REC MODE
0
6
LPF1/LPF2 selection SW
0:LPF1, 1:LPF2
0
7
REC BLOCK POWER SW
0:ON, 1:OFF
0
8
LINE OUT POWER SW
0:ON, 1:OFF
1
9
LINE MUTE SW
0:ON, 1:OFF
0
10
SPK POWER SW
0:ON, 1:OFF
1
11
DATA=1
1 1 1 1 1: VOL MAX
0
12
DATA=2
to
0
13
DATA=4
0 0 0 0 0: VOL MIN (MUTE)
0
14
DATA=8
* EVR setting (the numeral shown in the left is decimal.
0
15
DATA=16
For characteristics, see P18.)
0
Serial Transmission Timing
• fMAX
(Max clock frequency)
1.5MHz
• tWL
(Clock pulse width: Low)
333ns or more
• tWH
(Clock pulse width: High)
333ns or more
• tCS
(Chip enable setup time)
333ns or more
• tCH
(Chip enable hold time)
333ns or more
• tDS
(Data setup time)
333ns or more
• tDH
(Data hold time)
333ns or more
• tWC
(Chip enable pulse width)
333ns or more
• VIH
(High voltage lower limit)
2.3V to 3.5V
• VIL
(Low voltage upper limit)
0V to 0.7V
fMAX
tWH
CS
CLOCK
tCS
tWL
tCH
DATA
LSB
tDS
tDH
MSB
tWC
VIL
VIH
VIH
VIL
VIH
VIL


Similar Part No. - ENA1181

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1180 SANYO-ENA1180 Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
ENA1182 SANYO-ENA1182 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1182A SANYO-ENA1182A Datasheet
314Kb / 7P
   General-Purpose Switching Device Applications
ENA1184 SANYO-ENA1184 Datasheet
67Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1184A SANYO-ENA1184A Datasheet
407Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1181

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com