Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA8123TT Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA8123TT
Description  Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8123TT Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA8123TT Datasheet HTML 1Page - Sanyo Semicon Device LA8123TT Datasheet HTML 2Page - Sanyo Semicon Device LA8123TT Datasheet HTML 3Page - Sanyo Semicon Device LA8123TT Datasheet HTML 4Page - Sanyo Semicon Device LA8123TT Datasheet HTML 5Page - Sanyo Semicon Device LA8123TT Datasheet HTML 6Page - Sanyo Semicon Device LA8123TT Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA8123TT
No.A1273-5/7
Gain -- Vagc
– 20
20
30
40
50
60
10
0
– 10
70
0
2.5
2.0
1.5
1.0
0.5
3.0
3.5
Vagc–V
VCC = 4.5V
f = 44MHz
Circuit 1
Voltage gain – dB
Ta =
85°
C
Noise Figure -- Gain
0
20
25
30
15
10
5
35
10
35
30
25
20
15
40
45
50
55
60
65
VCC = 4.5V
f = 44MHz
Circuit 2
Gain -- Vagc
– 20
20
30
40
50
60
10
0
– 10
70
0
2.5
2.0
1.5
1.0
0.5
3.0
3.5
Vagc–V
VCC = 5.5V
f = 44MHz
Circuit 1
Gain -- Vagc
– 20
20
30
40
50
60
10
0
– 10
70
0
2.5
2.0
1.5
1.0
0.5
3.0
3.5
Vagc–V
VCC = 5.0V
f = 44MHz
Circuit 1
Ta =
-20
°C
Ta =
85°
C
Ta =
-20
°C
Voltage gain – dB
Noise Figure -- Gain
0
20
25
30
15
10
5
35
10
35
30
25
20
15
40
45
50
55
60
65
VCC = 5.5V
f = 44MHz
Circuit 2
Voltage gain – dB
Ta =
25°C
Noise Figure -- Gain
0
20
25
30
15
10
5
35
10
35
30
25
20
15
40
45
50
55
60
65
VCC = 5.0V
f = 44MHz
Circuit 2


Similar Part No. - LA8123TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
More results

Similar Description - LA8123TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA1070 SANYO-LA1070 Datasheet
101Kb / 8P
   Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
logo
NEC
UPC3211GR NEC-UPC3211GR Datasheet
137Kb / 16P
   AGC AMPLIFIER FOR DIGITAL CATV RETURN PASS
logo
Sanyo Semicon Device
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA74309TT SANYO-LA74309TT Datasheet
69Kb / 5P
   Monolithic Linear IC Microphone Amplifier for Digital Still Camera
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
   Diplexers for Digital CATV Set Top Box and Cable Modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com