Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA8123TT Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA8123TT
Description  Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8123TT Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA8123TT Datasheet HTML 1Page - Sanyo Semicon Device LA8123TT Datasheet HTML 2Page - Sanyo Semicon Device LA8123TT Datasheet HTML 3Page - Sanyo Semicon Device LA8123TT Datasheet HTML 4Page - Sanyo Semicon Device LA8123TT Datasheet HTML 5Page - Sanyo Semicon Device LA8123TT Datasheet HTML 6Page - Sanyo Semicon Device LA8123TT Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA8123TT
No.A1273-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pin 1
5.0
V
Operating supply voltage range
VCC op
Pin 1
4.5 to 5.5
V
AGC control voltage range
Vagc
Pin 4
0 to 3.3
V
Electrical Characteristics at Ta
= 25°C, VCC = 5.0V
Ratings
Parameter
Symbol
Pin
No.
Conditions
Test
circuit
min
typ
max
Unit
Circuit current
Itotal
1
No signal
1
33
38
43
mA
Input frequency range
fin
2, 3
fc : -3dB
1
30
70
MHz
Noise figure
NF
6, 7
V4 = 3.0V, f = 45MHz
2
5
dB
Inter modulation
IM3
6, 7
V4 = 3.0V,
f1 = 44MHz, f2 = 45MHz,
Output level = 104dB
μV/tone
1
50
dBc
Total amplifier gain
G (AGC1)
6/2, 3
7/2, 3
V4 = 3.0V, f = 45MHz
1
57
60
63
dB
GR (1)
6/2, 3
7/2, 3
Output level = 110dB
μV
V4 = 0.3V to 3.0V, f = 45MHz
1
40
dB
AGC range
GR (2)
6/2, 3
7/2, 3
Input level = 50dB
μV
V4 = 0.3V to 3.0V, f = 45MHz
1
45
dB
Maximum Output Level
VO
6, 7
f = 45MHz
1
1.8
Vp-p
Output offset
dVO
6, 7
V4 = 3.0V, f = 45MHz
Output level = 110dB
μV
(Pin 7 output) - (Pin 6 output)
1
-0.5
0
0.5
dB
Maximum gain
AGC control voltage
V4H
4
Maximum gain
1
3.0
3.3
V
Minimum gain
AGC control voltage
V4L
4
Minimum gain
1
0
0.3
V
Input impedance
Zin
2, 3
V4 = 0V, f = 45MHz
3
1//4.7
k
Ω//pF
Package Dimensions
unit : mm (typ)
3245B
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125


Similar Part No. - LA8123TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
More results

Similar Description - LA8123TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA1070 SANYO-LA1070 Datasheet
101Kb / 8P
   Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
logo
NEC
UPC3211GR NEC-UPC3211GR Datasheet
137Kb / 16P
   AGC AMPLIFIER FOR DIGITAL CATV RETURN PASS
logo
Sanyo Semicon Device
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA74309TT SANYO-LA74309TT Datasheet
69Kb / 5P
   Monolithic Linear IC Microphone Amplifier for Digital Still Camera
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
   Diplexers for Digital CATV Set Top Box and Cable Modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com