Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6220PM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA6220PM
Description  Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6220PM Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA6220PM Datasheet HTML 1Page - Sanyo Semicon Device LA6220PM Datasheet HTML 2Page - Sanyo Semicon Device LA6220PM Datasheet HTML 3Page - Sanyo Semicon Device LA6220PM Datasheet HTML 4Page - Sanyo Semicon Device LA6220PM Datasheet HTML 5Page - Sanyo Semicon Device LA6220PM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA6220PM
No.A0669-4/6
Test Circuits
1. Input offset voltage VIO
2. Input offset current IIO
3. Input bias current IB (-)
4. Input bias current IB (+)
5. Common-mode rejection ratio (CMR)
6. Voltage gain (VG)
Common-mode input voltage range (VICM)
VO1
9.9k
100
100
VCC/VEE = ±2.5V
VIO = VO1/100
VCC
VEE
VO4
9.9k
100k
100
100
100k
100
100k
×
=
1
O
V
4
O
V
IO
I
VCC
VEE
100
100k
)
(
×
=
1
O
V
2
O
V
B
I
100
100k
)
(
×
=
+
1
O
V
3
O
V
B
I
R1
R2
VG
=
R2
R1
R1
VCC
R2
VO
9.9k
100
100
VI
CMR VI = ±2.5V
VEE
VCC
VEE
RL
CMR = 20log ( 5
×100/ |∆VO| )
VO2
9.9k
100
100
VCC
VEE
100k
VO3
9.9k
100
100
VCC
VEE
100k


Similar Part No. - LA6220PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6220M SANYO-LA6220M Datasheet
138Kb / 6P
   Monolithic Linear IC Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - LA6220PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6220M SANYO-LA6220M Datasheet
138Kb / 6P
   Monolithic Linear IC Rail-to-Rail Dual Operational Amplifier
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com