Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP70025I Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025I
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025I Datasheet(HTML) 6 Page - Texas Instruments

Back Button TVP70025I Datasheet HTML 2Page - Texas Instruments TVP70025I Datasheet HTML 3Page - Texas Instruments TVP70025I Datasheet HTML 4Page - Texas Instruments TVP70025I Datasheet HTML 5Page - Texas Instruments TVP70025I Datasheet HTML 6Page - Texas Instruments TVP70025I Datasheet HTML 7Page - Texas Instruments TVP70025I Datasheet HTML 8Page - Texas Instruments TVP70025I Datasheet HTML 9Page - Texas Instruments TVP70025I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
TVP70025I
SLES232 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Power Supplies
NSUB
21, 91
I
Substrate ground. Connect to analog ground.
A33VDD
13, 14, 93, 94
I
Analog power. Connect to 3.3 V.
A33GND
12, 15, 92, 95
I
Analog 3.3-V return. Connect to ground.
AGND
3, 5, 8, 20
I
Analog 1.8-V return. Connect to ground.
AVDD
4, 6, 7, 19
I
Analog power. Connect to 1.8 V.
PLL_AVDD
84, 85
I
PLL analog power. Connect to 1.8 V.
PLL_AGND
83, 86, 90
I
PLL analog power return. Connect to ground.
DGND
40, 68
I
Digital return. Connect to ground.
DVDD
39, 69
I
Digital power. Connect to 1.8 V.
IOGND
27, 42, 54, 60,
I
Digital power return. Connect to ground.
67
IOVDD
26, 41, 53, 66
I
Digital power. Connect to 3.3 V or less for reduced noise.
Sync Signals
CLAMP
76
I
External clamp input. Unused inputs can be connected to ground.
COAST
77
I
External PLL COAST signal input. Unused inputs can be connected to ground.
VSYNC_A
78
I
Vertical sync input A
VSYNC_B
79
I
Vertical sync input B
Unused inputs can be connected to ground.
HSYNC_A
81
I
Horizontal sync input A
HSYNC_B
82
I
Horizontal sync input B
Unused inputs can be connected to ground.
SOGIN_1
1
I
Sync-on-green input 1
SOGIN_2
99
I
Sync-on-green input 2
SOGIN_3
97
I
Sync-on-green input 3
Unused inputs should be connected to ground using a 1-nF capacitor.
FIDOUT
22
O
Field ID output. Using register 17h, this pin also may be programmed to be the internal sync
processing REFCLK output, coast output, clamp pulse output, or data enable.
VSOUT
23
O
Vertical sync output
HSOUT
24
O
Horizontal sync output
SOGOUT
25
O
Sync-on-green slicer output
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TVP70025I


Similar Part No. - TVP70025I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002IPZP TI1-TVP7002IPZP Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002IPZPR TI1-TVP7002IPZPR Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZP TI-TVP7002PZP Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP70025I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com