Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43EC42 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSB43EC42
Description  TI IEEE 1394a-2000 Consumer Electronics Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43EC42 Datasheet(HTML) 5 Page - Texas Instruments

  TSB43EC42 Datasheet HTML 1Page - Texas Instruments TSB43EC42 Datasheet HTML 2Page - Texas Instruments TSB43EC42 Datasheet HTML 3Page - Texas Instruments TSB43EC42 Datasheet HTML 4Page - Texas Instruments TSB43EC42 Datasheet HTML 5Page - Texas Instruments TSB43EC42 Datasheet HTML 6Page - Texas Instruments TSB43EC42 Datasheet HTML 7Page - Texas Instruments TSB43EC42 Datasheet HTML 8Page - Texas Instruments TSB43EC42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSB43EA/EB/EC42
TI IEEE 1394a-2000
TSB43EA/EB/EC43
Consumer Electronics Solution
SLLA275A – April 2008 – Revised July 2008
Released – v1.1
PRODUCTION
DATA
Information
is
current
as
of
publication date. Products conform to specifications per the
terms of Texas Instruments standard warranty. Production
processing
does
not
necessarily
include
testing
of
all
parameters.
Copyright
2008, Texas Instruments Incorporated
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
3
Features
3.1
1394 Features
Integrated 400/200/100-Mbps 2-port/3-port PHY
Compliant with IEEE Std 1394-1995 and IEEE Std 1394a-2000
Supports bus manager functions and automatic 1394 self-id verification
Separate asynchronous acknowledgement (Ack) buffers decrease Ack-tracking burden
on external CPU
3.2
DTCP and AES Encryption Support for MPEG-DVB and DSS
(TSB43EA42/43 and TSB43EC42/43 Only)
DTCP encryption support on 1394 bus
AES128 encryption support on HSDI path (TSB43EC42/43 only)
Support for up to two encrypted/decrypted streams at one time
Full or restricted AKE performed with hardware assist
Secure method for loading DTCP and AES128 information using Ex-CPU interface
Localization support compliant with DTCP draft revision 1.51.
3.3
Video Interfaces
Two configurable high-speed data ports for video data
o
One port configurable as parallel or serial
o
One port serial only
Pass-through modes for HSDI0 and HSDI1
Packet Insertion – Two insertion buffers per HSDI for PAT, PMT, SIT, and DIT packets
PID filtering (32 PID filters per HSDI port)
3.4
External CPU Interfaces
Motorola 68K-style 16-bit asynchronous interface
SRAM-like 16-bit asynchronous interface
PCI interface (33 MHz) compliant to PCI specification version 3.0 (supports PCI slave
and master functions)
3.5
DMA
Higher asynchronous throughput with DMA hardware enhancements (available in PCI
mode only)
Internal DMA controller – Asynchronous, asynchronous Stream TX/RX
o
General DMA
o
Auto-response DMA for SBP2 transactions
3.6
Data Buffers
Two 4-KByte isochronous buffers for video data
Two 2-KByte asynchronous/asynchronous stream transmit buffers
Two 2-KByte asynchronous/asynchronous stream receive buffers
One 1-KByte self-ID buffer
Insertion buffers for MPEG-DVB/DSS packet insertion
Programmable data/space available indicators for buffer flow control


Similar Part No. - TSB43EC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43EC42 TI1-TSB43EC42 Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB43EC42 TI1-TSB43EC42 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EC42ZGU TI1-TSB43EC42ZGU Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43EC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com