Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43EC42 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSB43EC42
Description  TI IEEE 1394a-2000 Consumer Electronics Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43EC42 Datasheet(HTML) 4 Page - Texas Instruments

  TSB43EC42 Datasheet HTML 1Page - Texas Instruments TSB43EC42 Datasheet HTML 2Page - Texas Instruments TSB43EC42 Datasheet HTML 3Page - Texas Instruments TSB43EC42 Datasheet HTML 4Page - Texas Instruments TSB43EC42 Datasheet HTML 5Page - Texas Instruments TSB43EC42 Datasheet HTML 6Page - Texas Instruments TSB43EC42 Datasheet HTML 7Page - Texas Instruments TSB43EC42 Datasheet HTML 8Page - Texas Instruments TSB43EC42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSB43EA/EB/EC42
TI IEEE 1394a-2000
TSB43EA/EB/EC43
Consumer Electronics Solution
SLLA275A – April 2008 – Revised July 2008
Released – v1.1
PRODUCTION
DATA
Information
is
current
as
of
publication date. Products conform to specifications per the
terms of Texas Instruments standard warranty. Production
processing
does
not
necessarily
include
testing
of
all
parameters.
Copyright
2008, Texas Instruments Incorporated
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
2
Overview
The TSB43Ex42/43 is high-performance consumer electronics 1394 link layer and integrated physical
layer device designed for digitally interfacing advanced video consumer electronics applications. It
supports formatting and transmission of IEC61883 data, including IEC61883-1 (general), IEC61883-2
(SD-DVCR), IEC61883-4 (MPEG2-TS), and IEC61883-7 (ITU-R BO.1294 SystemB-DSS).
TSB43Ex42/43 also supports standard 1394 data types, such as asynchronous, asynchronous
streams, and PHY packets.
The TSB43EAxx/ECxx version incorporates DTCP (M6) baseline per the DTLA (5C) specification to
support transmit and receive of up to two MPEG2 transport streams with encryption and decryption.
The TSB43EAxx/ECxx version also includes hardware acceleration for content key generation.
The TSB43EBxx devices are identical to the TSB43EAxx/ECxx devices, except without
implementation of the encryption/decryption features. The TSB43EB42xx/43xx devices allow
customers that do not require the encryption/decryption features to incorporate the TSB43Ex42/43
function without becoming DTLA licensees.
The TSB43Ex42/43 features an integrated 2-port/3-port PHY. The PHY operates at 100 Mbps, 200
Mbps, or 400 Mbps. They follow all requirements as stated in IEEE Std 1394-1995 and
IEEE Std 1394a-2000.


Similar Part No. - TSB43EC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43EC42 TI1-TSB43EC42 Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB43EC42 TI1-TSB43EC42 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EC42ZGU TI1-TSB43EC42ZGU Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43EC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com