Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

80RIA40PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 80RIA40PBF
Description  Phase Control Thyristors (Stud Version), 80 A
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

80RIA40PBF Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94392
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Stud Version), 80 A
80RIA...PbF/81RIA...PbF Series
Vishay High Power Products
FEATURES
• Hermetic glass-metal seal
• International standard case TO-209AC (TO-94)
• RoHS compliant
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
80 A
TO-209AC (TO-94)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
80
A
TC
85
°C
IT(RMS)
125
A
ITSM
50 Hz
1900
60 Hz
1990
I2t
50 Hz
18
kA2s
60 Hz
16
VDRM/VRRM
400 to 1200
V
tq
Typical
110
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK AND
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = 125 °C
mA
80RIA
81RIA
40
400
500
15
80
800
900
120
1200
1300


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
111RKIPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
80RIAPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
A1N:50.XXJPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A5N:3200.02Phase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:60.XXJPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:100.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:180.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
10RIAMedium Power Thyristors Stud Version 10 A 1 2 3 4 5 MoreVishay Siliconix
A1N:260.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
16RIAMedium Power Thyristors Stud Version 16 A 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn