Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7267 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7267
Description  2W MONO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7267 Datasheet HTML 1Page - STMicroelectronics TDA7267 Datasheet HTML 2Page - STMicroelectronics TDA7267 Datasheet HTML 3Page - STMicroelectronics TDA7267 Datasheet HTML 4Page - STMicroelectronics TDA7267 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MINIDIP PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
TDA7267
4/5


Similar Part No. - TDA7267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
   3W MONO AMPLIFIER
TDA7267T STMICROELECTRONICS-TDA7267T Datasheet
154Kb / 10P
   2 W mono amplifier
More results

Similar Description - TDA7267

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7299 STMICROELECTRONICS-TDA7299 Datasheet
93Kb / 7P
   SOUND 2W MONO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
   2W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com