Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80EBU04 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80EBU04
Description  Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EBU04 Datasheet(HTML) 4 Page - Vishay Siliconix

  80EBU04 Datasheet HTML 1Page - Vishay Siliconix 80EBU04 Datasheet HTML 2Page - Vishay Siliconix 80EBU04 Datasheet HTML 3Page - Vishay Siliconix 80EBU04 Datasheet HTML 4Page - Vishay Siliconix 80EBU04 Datasheet HTML 5Page - Vishay Siliconix 80EBU04 Datasheet HTML 6Page - Vishay Siliconix 80EBU04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93025
4
Revision: 30-Oct-08
80EBU04
Vishay High Power Products Ultrafast Soft Recovery Diode,
80 A FRED PTTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
Average Forward Current - IF
(AV)
(A)
60
80
100
120
140
160
180
0
20
406080
100
120
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (1)
Average Forward Current - IF
(AV)
(A)
0
20
40
60
80
100
120
140
0
20
406080
100
120
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
di F /dt (A/µs )
50
100
150
200
250
0
0
0
1
0
0
1
IF = 160A
IF = 80A
IF = 40A
Vr = 200V
Tj = 125˚C
Tj = 25˚C
di F/dt (A/µs )
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
0
0
1
0
0
1
IF = 160A
IF = 80A
IF = 40A
Vr = 200V
Tj = 125˚C
Tj = 25˚C


Similar Part No. - 80EBU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
80EBU04 VISHAY-80EBU04 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
More results

Similar Description - 80EBU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Revision: 30-Oct-08
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-80EPU12 NELLSEMI-N-80EPU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 80 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com