Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80EBU02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 80EBU02
Description  Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EBU02 Datasheet(HTML) 3 Page - Vishay Siliconix

  80EBU02 Datasheet HTML 1Page - Vishay Siliconix 80EBU02 Datasheet HTML 2Page - Vishay Siliconix 80EBU02 Datasheet HTML 3Page - Vishay Siliconix 80EBU02 Datasheet HTML 4Page - Vishay Siliconix 80EBU02 Datasheet HTML 5Page - Vishay Siliconix 80EBU02 Datasheet HTML 6Page - Vishay Siliconix 80EBU02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93024
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Oct-08
3
80EBU02
Ultrafast Soft Recovery Diode,
80 A FRED PtTM
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop - V
FM
(V)
1
10
100
1000
0
0.5
1
1.5
2
2.5
T = 175˚C
T = 125˚C
T = 25˚C
J
J
J
Reverse Voltage - V
R
(V)
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
200
25˚C
T = 175˚C
J
125˚C
Reverse Voltage - V
R
(V)
10
100
1000
10000
110
100
1000
T = 25˚C
J
t1, Rectangular Pulse Duration (Seconds)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc


Similar Part No. - 80EBU02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EBU02 IRF-80EBU02 Datasheet
146Kb / 6P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
80EBU02 VISHAY-80EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
80EBU02 VISHAY-80EBU02_11 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt
Revision: 15-Jun-11
More results

Similar Description - 80EBU02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Revision: 30-Oct-08
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-80EPU12 NELLSEMI-N-80EPU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 80 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com