Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF840PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF840PBF
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF840PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF840PBF Datasheet HTML 1Page - Vishay Siliconix IRF840PBF Datasheet HTML 2Page - Vishay Siliconix IRF840PBF Datasheet HTML 3Page - Vishay Siliconix IRF840PBF Datasheet HTML 4Page - Vishay Siliconix IRF840PBF Datasheet HTML 5Page - Vishay Siliconix IRF840PBF Datasheet HTML 6Page - Vishay Siliconix IRF840PBF Datasheet HTML 7Page - Vishay Siliconix IRF840PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91070
www.vishay.com
S-81290-Rev. B, 16-Jun-08
1
Power MOSFET
IRF840, SiHF840
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 14 mH, RG = 25 Ω, IAS = 8.0 A (see fig. 12).
c. ISD ≤ 8.0 A, dI/dt ≤ 100 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.85
Qg (Max.) (nC)
63
Qgs (nC)
9.3
Qgd (nC)
32
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRF840PbF
SiHF840-E3
SnPb
IRF840
SiHF840
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
8.0
A
TC = 100 °C
5.1
Pulsed Drain Currenta
IDM
32
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb
EAS
510
mJ
Repetitive Avalanche Currenta
IAR
8.0
A
Repetitive Avalanche Energya
EAR
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
Peak Diode Recovery dV/dtc
dV/dt
3.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF840PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840PBF IRF-IRF840PBF Datasheet
895Kb / 7P
   HEXFET POWER MOSFET
logo
Thinki Semiconductor Co...
IRF840PBF THINKISEMI-IRF840PBF Datasheet
994Kb / 6P
   8.8A,500V Heatsink N-Channel Type Power MOSFET
More results

Similar Description - IRF840PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com