Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPQ020 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 80CPQ020
Description  Schottky Rectifier, 2 x 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPQ020 Datasheet(HTML) 6 Page - Vishay Siliconix

  80CPQ020 Datasheet HTML 1Page - Vishay Siliconix 80CPQ020 Datasheet HTML 2Page - Vishay Siliconix 80CPQ020 Datasheet HTML 3Page - Vishay Siliconix 80CPQ020 Datasheet HTML 4Page - Vishay Siliconix 80CPQ020 Datasheet HTML 5Page - Vishay Siliconix 80CPQ020 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 80CPQ020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ020 IRF-80CPQ020 Datasheet
51Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
logo
Vishay Siliconix
80CPQ020-N3 VISHAY-80CPQ020-N3 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Vishay Siliconix
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
More results

Similar Description - 80CPQ020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 40 A
01-Jan-2022
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
   Rad-Hard 2 x 40 A - 45 V Schottky rectifier
March 2020 - Rev 2
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
   Rad-Hard 2 x 40 A - 150 V Schottky rectifier
December 2021 - Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com