Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61CTQ045 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 61CTQ045
Description  Schottky Rectifier, 2 x 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

61CTQ045 Datasheet(HTML) 1 Page - Vishay Siliconix

  61CTQ045 Datasheet HTML 1Page - Vishay Siliconix 61CTQ045 Datasheet HTML 2Page - Vishay Siliconix 61CTQ045 Datasheet HTML 3Page - Vishay Siliconix 61CTQ045 Datasheet HTML 4Page - Vishay Siliconix 61CTQ045 Datasheet HTML 5Page - Vishay Siliconix 61CTQ045 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93374
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
1
Schottky Rectifier, 2 x 30 A
61CTQ045
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for industrial level
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 175 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 30 A
VR
45 V
TO-220AB
Anode
1
3
2
Base
common
cathode
2
Common
cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
60
A
VRRM
45
V
IFRM
TC = 142 °C (per leg)
60
A
IFSM
tp = 5 µs sine
2600
VF
30 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
61CTQ045
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 142 °C, rated VR
30
A
per device
60
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 142 °C
60
Maximum peak one cycle non-repetitive
surge current per leg
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2600
10 ms sine or 6 ms rect. pulse
350
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A


Similar Part No. - 61CTQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
61CTQ045 IRF-61CTQ045 Datasheet
88Kb / 6P
   SCHOTTKY RECTIFIER
logo
Thinki Semiconductor Co...
61CTQ045 THINKISEMI-61CTQ045 Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
logo
Vishay Siliconix
61CTQ045-N3 VISHAY-61CTQ045-N3 Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
logo
International Rectifier
61CTQ045PBF IRF-61CTQ045PBF Datasheet
132Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
61CTQ045PBF VISHAY-61CTQ045PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
More results

Similar Description - 61CTQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com