Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPU04 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 60EPU04
Description  Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU04 Datasheet(HTML) 2 Page - Vishay Siliconix

  60EPU04 Datasheet HTML 1Page - Vishay Siliconix 60EPU04 Datasheet HTML 2Page - Vishay Siliconix 60EPU04 Datasheet HTML 3Page - Vishay Siliconix 60EPU04 Datasheet HTML 4Page - Vishay Siliconix 60EPU04 Datasheet HTML 5Page - Vishay Siliconix 60EPU04 Datasheet HTML 6Page - Vishay Siliconix 60EPU04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93020
2
Revision: 02-Jun-08
60EPU04/60APU04
Vishay High Power Products Ultrafast Soft Recovery Diode,
60 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 200 A/µs, VR = 30 V
-
50
60
ns
TJ = 25 °C
IF = 60 A
dIF/dt = 200 A/µs
VR = 200 V
-85-
TJ = 125 °C
-
145
-
Peak recovery current
IRRM
TJ = 25 °C
-
8.8
-
A
TJ = 125 °C
-
15.4
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
375
-
nC
TJ = 125 °C
-
1120
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal resistance,
junction to case
RthJC
--
0.70
K/W
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.2
-
Weight
-5.5
-
g
-0.2
-
oz.
Mounting torque
1.2
(10)
-
2.4
(20)
N · m
(lbf · in)
Marking device
Case style TO-247AC modified
60EPU04
Case style TO-247AC
60APU04


Similar Part No. - 60EPU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU04 IRF-60EPU04 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode
logo
Inchange Semiconductor ...
60EPU04 ISC-60EPU04 Datasheet
245Kb / 1P
   Ultrafast Rectifier
logo
Vishay Siliconix
60EPU04-N3 VISHAY-60EPU04-N3 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
logo
International Rectifier
60EPU04PBF IRF-60EPU04PBF Datasheet
170Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
More results

Similar Description - 60EPU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Revision: 30-Oct-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Revision: 30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com