Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNCH3014DRRSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RNCH3014DRRSL
Description  Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RNCH3014DRRSL Datasheet(HTML) 2 Page - Vishay Siliconix

  RNCH3014DRRSL Datasheet HTML 1Page - Vishay Siliconix RNCH3014DRRSL Datasheet HTML 2Page - Vishay Siliconix RNCH3014DRRSL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31025
For technical questions, contact: ff2bresistors@vishay.com
www.vishay.com
Revision: 08-Jul-08
53
ERC (Military RNC/RNR)
Metal Film Resistors, Military/Established Reliability,
MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
Vishay Dale
DIMENSIONS in inches [millimeters]
A
D
B
E (1)
C
(Max.)
Note:
(1) 1.08 ± 0.125 [27.43 ± 3.18] if tape and reel
VISHAY DALE
MODEL
MIL-PRF-55182
STYLE
AB
C
(Max.)
DE
ERC50
RNC50,
RNR50
0.150 ± 0.020
[3.81 ± 0.51]
0.070 ± 0.010
[1.78 ± 0.25]
0.187
[4.75]
0.016 ± 0.002
[0.41 ± 0.05]
1.25 ± 0.266
[31.75 ± 6.76]
ERC55
RNC55,
RNR55
0.250 + 0.031 - 0.046
[6.35 + 0.79 - 1.17]
0.094 ± 0.012
[2.39 ± 0.30]
0.300
[7.62]
0.025 ± 0.002
{0.64 ± 0.05]
1.50 ± 0.125
[38.1 ± 3.18]
ERC55..200
RNC60,
RNR60
0.280 ± 0.020
[7.11 ± 0.51]
0.097 ± 0.012
[2.46 ± 0.30]
0.350
[8.89]
0.025 ± 0.002
[0.64 ± 0.05]
1.50 ± 0.125
[38.1 ± 3.18]
ERC65
RNC65,
RNR65
0.562 ± 0.031
[14.27 ± 0.79]
0.180 ± 0.015
[4.57 ± 0.38]
0.687
[17.45]
0.025 ± 0.002
[0.64 ± 0.05]
1.50 ± 0.125
[38.1 ± 3.18]
ERC70
RNC70,
RNR70
0.562 ± 0.031
[14.27 ± 0.79]
0.180 ± 0.015
[4.57 ± 0.38]
0.687
[17.45]
0.032 ± 0.002
[0.81 ± 0.05]
1.50 ± 0.125
[38.1 ± 3.18]
MATERIAL SPECIFICATIONS
Element:
Vacuum-deposited nickel-chrome alloy
Encapsulation:
Specially formulated epoxy compound
Core:
Fire-cleaned high purity ceramic
Termination:
Standard lead material is solder-coated copper
Solderable and weldable per MIL-STD-1276, Type C.
POWER RATING
Power ratings are based on the following two conditions:
1. ± 2.0 % maximum
ΔR in 10 000 h load life
2. + 175 °C maximum operating temperature
APPLICABLE MIL-SPECIFICATIONS
MIL-PRF-55182:
The ERC series meets the electrical, environmental and
dimensional requirements of MIL-PRF-55182.
MIL-R-10509:
MIL-PRF-55182 supercedes MIL-R-10509 on new designs.
The
ERC
series
meets
or
exceeds
MIL-R-10509
requirements.
Documentation:
Qualification and failure rate verification test data is
maintained by Vishay Dale and is available upon request.
Lot traceability and identification data is maintained by
Vishay Dale for five years.
Vishay Dale ERC resistors have an operating temperature
range of - 65 °C to + 175 °C. They must be derated
according to the following curve:
CAGE CODE: 91637
0
25
50
75
100
150
175 200
125
AMBIENT TEMPERATURE IN °C
DERATING
0
20
40
60
80
100
120
- 65 - 50
- 25
MARKING
- Per MIL-PRF-55182


Similar Part No. - RNCH3014DRRSL

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCH SEI-RNCH Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH0402BKC10R0 SEI-RNCH0402BKC10R0 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH0402BKC1M00 SEI-RNCH0402BKC1M00 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH0402BKC4K75 SEI-RNCH0402BKC4K75 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH0402BKC800K SEI-RNCH0402BKC800K Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results

Similar Description - RNCH3014DRRSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
HDN VISHAY-HDN Datasheet
112Kb / 5P
   Hermetic Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNR, Characteristics E and C
Revision: 15-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR20C1000GRB14 VISHAY-RLR20C1000GRB14 Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
HDN VISHAY-HDN_15 Datasheet
90Kb / 4P
   Metal Film Resistors, Military/Established Reliability,Hermetically-Sealed, MIL-PRF-55182 Qualified, Precision, Type RNR, Characteristics E and C
Revision: 15-Nov-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com