Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52CPQ030 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 52CPQ030
Description  Schottky Rectifier, 2 x 25 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52CPQ030 Datasheet(HTML) 5 Page - Vishay Siliconix

  52CPQ030 Datasheet HTML 1Page - Vishay Siliconix 52CPQ030 Datasheet HTML 2Page - Vishay Siliconix 52CPQ030 Datasheet HTML 3Page - Vishay Siliconix 52CPQ030 Datasheet HTML 4Page - Vishay Siliconix 52CPQ030 Datasheet HTML 5Page - Vishay Siliconix 52CPQ030 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93364
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
5
52CPQ030
Schottky Rectifier, 2 x 25 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (50 A)
2
-
Circuit configuration:
3
4
-
Schottky “Q” series
5
-
Voltage code (030 = 30 V)
6
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 25 pieces
-
Package:
C = Common cathode
P = TO-247
Device code
5
13
24
6
52
C
P
Q
030
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226


Similar Part No. - 52CPQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52CPQ030 IRF-52CPQ030 Datasheet
130Kb / 5P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
52CPQ030 ISC-52CPQ030 Datasheet
298Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
52CPQ030-N3 VISHAY-52CPQ030-N3 Datasheet
181Kb / 7P
   Schottky Rectifier, 2 x 25 A
Revision: 31-Aug-11
logo
International Rectifier
52CPQ030PBF IRF-52CPQ030PBF Datasheet
199Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
More results

Similar Description - 52CPQ030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
52CPQ030PBF VISHAY-52CPQ030PBF_12 Datasheet
181Kb / 7P
   Schottky Rectifier, 2 x 25 A
Revision: 31-Aug-11
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
VS-52CPQ030-N3 VISHAY-VS-52CPQ030-N3_V01 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 2 x 25 A
01-Jan-2022
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com