Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50PFR120 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 50PFR120
Description  Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50PFR120 Datasheet(HTML) 4 Page - Vishay Siliconix

  50PFR120 Datasheet HTML 1Page - Vishay Siliconix 50PFR120 Datasheet HTML 2Page - Vishay Siliconix 50PFR120 Datasheet HTML 3Page - Vishay Siliconix 50PFR120 Datasheet HTML 4Page - Vishay Siliconix 50PFR120 Datasheet HTML 5Page - Vishay Siliconix 50PFR120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93516
4
Revision: 01-Oct-08
50PF(R)...(W) Series
Vishay High Power Products
Standard Recovery Diodes,
Generation 2 DO-5 (Stud Version), 50 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
Average Forward Current (A)
0
30
60
90
120
150
180
1
K/W
1.5
K/W
2 K/W
3 K/W
5 K/W
7 K/W
10 K/W
0
20
40
60
80
100
0
20406080
RMS Limit
Conduction Period
50PF(R) Series
Tj = 180°C
180°
120°
90°
60°
30°
DC
Maximum Allowable Ambient Temperature (°C)
200
300
400
500
600
700
800
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
50PF(R) Series
Initial Tj = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Number Of Equal Amplitude Half Cycle Current Pulses (N)
100
200
300
400
500
600
700
800
900
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
50PF(R) Series
Initial Tj = 150°C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
1
10
100
1000
01
23
4
Tj = 25°C
50PF(R) Series
Tj = 180°C
Instantaneous Forward Voltage (V)
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.51 K/W
(DC Operation)
50PF(R) Series
Square Wave Pulse Duration (s)


Similar Part No. - 50PFR120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50PFR120 IRF-50PFR120 Datasheet
619Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
50PFR120W IRF-50PFR120W Datasheet
619Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
50PFR120W VISHAY-50PFR120W Datasheet
179Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
More results

Similar Description - 50PFR120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
VS-50PFR VISHAY-VS-50PFR Datasheet
190Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 07-Apr-14
50PF40 VISHAY-50PF40_12 Datasheet
179Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
VS-50PFRW VISHAY-VS-50PFRW_V01 Datasheet
204Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
01-Jan-2022
VS-50PF40 VISHAY-VS-50PF40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 07-Apr-14
50PF140 VISHAY-50PF140 Datasheet
129Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com