Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9Z14STRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF9Z14STRLPBF
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9Z14STRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF9Z14STRLPBF Datasheet HTML 1Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 2Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 3Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 4Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 5Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 6Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 7Page - Vishay Siliconix IRF9Z14STRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91089
www.vishay.com
S-Pending-Rev. A, 02-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRF9Z14S, SiHF9Z14S, IRF9Z14L, SiHF9Z14L
Vishay Siliconix
FEATURES
• Advanced Process Technology
• Surface Mount (IRF9Z14S/SiHF9Z14S)
• Low-ProfileThrough-Hole (IRF9Z14L/SiHF9Z14L)
• 175 °C Operating Temperature
• Fast Switching
• P-Channel
• Fully Avalanche Rated
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die size up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2PAK is suitable
for high current applications because of is low internal
connection resistance and can dissipate up to 2.0 W in a
typical surface mount application.
The
through-hole
version
(IRF9Z14L/SiHF9Z14L)
is
available for low-profile applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
- 60
RDS(on) (Ω)VGS = - 10 V
0.50
Qg (Max.) (nC)
12
Qgs (nC)
3.8
Qgd (nC)
5.1
Configuration
Single
S
G
D
P-Channel MOSFET
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRF9Z14SPbF
IRF9Z14STRLPbFa
IRF9Z14LPbF
SiHF9Z14S-E3
SiHF9Z14STL-E3a
SiHF9Z14L-E3
SnPb
IRF9Z14S
IRF9Z14STRLa
-
SiHF9Z14S
SiHF9Z14STLa
-
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currente
VGS at - 10 V
TC = 25 °C
ID
- 6.7
A
TC = 100 °C
- 4.7
Pulsed Drain Currenta, e
IDM
- 27
Linear Derating Factor
0.29
W/°C
Single Pulse Avalanche Energyb, e
EAS
140
mJ
Avalanche Currenta
IAR
- 6.7
A
Repetiitive Avalanche Energya
EAR
4.3
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.7
W
TA = 25 °C
43
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF9Z14STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z14STRLPBFA VISHAY-IRF9Z14STRLPBFA Datasheet
229Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF9Z14STRLPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com