Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7250 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7250
Description  6W AUDIO AMPLIFIER WITH STAND-BY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7250 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7250 Datasheet HTML 1Page - STMicroelectronics TDA7250 Datasheet HTML 2Page - STMicroelectronics TDA7250 Datasheet HTML 3Page - STMicroelectronics TDA7250 Datasheet HTML 4Page - STMicroelectronics TDA7250 Datasheet HTML 5Page - STMicroelectronics TDA7250 Datasheet HTML 6Page - STMicroelectronics TDA7250 Datasheet HTML 7Page - STMicroelectronics TDA7250 Datasheet HTML 8Page - STMicroelectronics TDA7250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, Vs = ± 35 V, play mode, unless otherwise
specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 10
± 45
V
Id
Quiescent Drain Current
Stand-by Mode
8
mA
Play Mode
10
14
Ib
Input Bias Current
0.2
1
µA
Vos
Input Offset Voltage
1
± 10
mV
Ios
Input Offset Current
100
200
nA
Gv
Open Loop Voltage Gain
f = 100 Hz
90
dB
f = 10 kHz
60
eN
Input Noise Voltage
RG = 600
B = 20 Hz to 20 kHz
3
µV
SR
Slew Rate
10
V/
µs
d
Total Harmonic Distortion
Gv = 26 dB, Po =40 W
f = 1 kHz
f = 20 kHz
0.004
0.03
%
%
Vopp
Output Voltage Swing
60
Vpp
Po
Output Power (*)
Vs =
± 35 V, RL =8 Ω
Vs =
± 30 V, RL =8 Ω
Vs =
± 35 V, RL =4 Ω
60
40
100
W
W
W
Io
Output Current
± 5mA
SVR
Supply Voltage Rejection
f = 100 Hz
75
dB
Cs
Channel Separation
f = 1 kHz
75
dB
MUTE / STANDBY/ PLAY FUNCTIONS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ii
Input Current (pin 5)
0.1
µA
Vth
Comparator
Standby
/
Mute
Threshold (**)
1.0
1.25
1.5
V
H
Hysteresis Standby / Mute
200
mV
Vth
Comparator Mute / Play
Threshold (**)
2.4
3.0
3.6
V
H
Hysteresis Mute / Play
300
mV
Mute Attenuation
f = 1 kHz
60
dB
Vi
Input Voltage Max. (pin 5)
12 (**)
V
CURRENT SURVEY CIRCUITRY
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Comparator Reference
to + VS
to – VS
0.8
0.8
1
1
1.4
1.4
V
V
td
Delay Time
10
µs
(*) Appli cation circuit of fig. 1
f = 1 KHz ;
d = 0.1 % ;
Gv =26 dB.
(**) Referred to
− Vs.
QUIESCENT CURRENT CONTROL
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Capacitor Current
Charge
Discharge
30
250
60
500
µA
µA
Comparator Reference
to + VS
to – VS
10
20
10
25
mV
mV
TDA7250
5/11


Similar Part No. - TDA7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
   8W AMPLIFIER WITH MUTING
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
   6W AMPLIFIER WITH MUTING
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
   22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
   30W BRIDGE CAR RADIO AMPLIFIER
More results

Similar Description - TDA7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
   6W AUDIO AMPLIFIER WITH STAND-BY
logo
Unisonic Technologies
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
   6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
   5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
164Kb / 13P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
logo
NTE Electronics
NTE7186 NTE-NTE7186 Datasheet
87Kb / 3P
   Integrated Circuit DMOS Audio Amplifier, 100W with Mute/Stand−By
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
   6W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com