Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHF9Z22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHF9Z22
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF9Z22 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHF9Z22 Datasheet HTML 1Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 2Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 3Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 4Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 5Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 6Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 7Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 8Page - Vishay Siliconix SIHF9Z22 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91350
2
S-Pending-Rev. A, 10-Jun-08
IRF9Z22, SiHF9Z22
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-80
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
1.0
-
Maximum Junction-to-Case (Drain)
RthJC
-3.1
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 50
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 2.0
-
- 4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 500
nA
Zero Gate Voltage Drain Current
IDSS
VDS = max. rating, VGS = 0 V
-
-
- 250
µA
VDS = max. rating x 0,8, VGS = 0 V, TJ =125°C
-
-
- 1000
Drain-Source On-State Resistance
RDS(on)
VGS = - 10 V
ID = - 5.6 Ab
-
0.28
0.33
Ω
Forward Transconductance
gfs
VDS = 2 x VGS, IDS = - 5.6 Ab
2.3
3.5
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = - 25 V,
f = 1.0 MHz, see fig. 9
-
480
-
pF
Output Capacitance
Coss
-
320
-
Reverse Transfer Capacitance
Crss
-58
-
Total Gate Charge
Qg
VGS = - 10 V
ID = - 9.7 A, VDS = - 0.8
max. rating. see fig. 17
-17
26
nC
Gate-Source Charge
Qgs
-4.1
6.2
Gate-Drain Charge
Qgd
-5.7
8.6
Turn-On Delay Time
td(on)
VDD = - 25 V, ID = - 9.7 A,
RG = 18 Ω, RD = 2.4 Ω, see fig. 16
(MOSFET switching times are
essentially independent of operating
temperature)
-8.2
12
ns
Rise Time
tr
-57
86
Turn-Off Delay Time
td(off)
-12
18
Fall Time
tf
-25
38
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center
of die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
- 9.7
A
Pulsed Diode Forward Currenta
ISM
--
- 39
Body Diode Voltage
VSD
TJ = 25 °C, IS = - 9.7 A, VGS = 0 Vb
--
- 6.3
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = - 9.7 A, dI/dt = 100 A/µsb
56
110
280
ns
Body Diode Reverse Recovery Charge
Qrr
0.17
0.34
0.85
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Similar Part No. - SIHF9Z22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiHF9Z20 VISHAY-SiHF9Z20 Datasheet
140Kb / 7P
   Power MOSFET
Rev. C, 18-Jan-16
SIHF9Z20 VISHAY-SIHF9Z20 Datasheet
161Kb / 8P
   Power MOSFET
01-Jan-2022
SIHF9Z20 VISHAY-SIHF9Z20_V01 Datasheet
161Kb / 8P
   Power MOSFET
01-Jan-2022
SIHF9Z24 VISHAY-SIHF9Z24 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
SiHF9Z24 VISHAY-SiHF9Z24 Datasheet
277Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
More results

Similar Description - SIHF9Z22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com