Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45L40 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 45L40
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

45L40 Datasheet(HTML) 4 Page - Vishay Siliconix

  45L40 Datasheet HTML 1Page - Vishay Siliconix 45L40 Datasheet HTML 2Page - Vishay Siliconix 45L40 Datasheet HTML 3Page - Vishay Siliconix 45L40 Datasheet HTML 4Page - Vishay Siliconix 45L40 Datasheet HTML 5Page - Vishay Siliconix 45L40 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93489
4
Revision: 21-May-08
45L(R), 150K(R), 150KS(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 150 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/ W
1.5 K
/ W
1 K
/ W
0.8
K/ W
0.6
K/
W
250
0
50
100
150
200
250
050
100
150
200
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average Forward Current (A)
45L..., 150... Series
T = 200°C
J
500
1000
1500
2000
2500
3000
3500
110
100
Numb er Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 200°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Ra ted Load Condition And With
Rated V
Applied Following Surge.
RRM
45L..., 150... Series
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 200°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Dura tion.
RRM
J
Maximum Non Repetitive Surge Current
45L..., 150... Series
10
100
1000
10000
00.5
11.5
22.5
3
3.5
44.5
T = 25°C
J
InstantaneousForward Voltage (V)
T = 200°C
J
45L...,150... Series


Similar Part No. - 45L40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
45L40 NAINA-45L40 Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Vishay Siliconix
45L40 VISHAY-45L40 Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
45L40 NJSEMI-45L40 Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
45L40 NJSEMI-45L40 Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 45L40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
150U60D VISHAY-150U60D Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com