Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK760-221A-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK760-221A-E
Description  Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-221A-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

  STK760-221A-E Datasheet HTML 1Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 2Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-221A-E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STK760-221A-E
No. A1052-6/9
5: ICC(ON)/ICC(OFF), VREF, fOSC
6: Vr, VTHOCP
Vr
VTHOCP
A
12
9
B
9
12
7: VTHOVP, ICHG
3
V
18
2
VCC=18V
4
13
0.47
μF
6
RL=1kΩ
15
100
μF
5
9
12
1.50V
2.40V
5.0V
A
VREF
ICC
ICC(ON)
ICC(OFF)
fOSC
<Fig.5>
3
2
18
7
VCC=18V
13
5
0.47
μF
6
15
4
9
12
2.40V
5.0V
RL=1kΩ
100
μF
fOSC
A
ICHG
VTHOVP
<Fig.7>
3
2
VCC=18V
4
13
0.47
μF
6
15
5
B
1.50V
2.40V
5.0V
VREF
RL=1kΩ
Vr, VTHOCP
<Fig.6>
A
18
100
μF
fOSC


Similar Part No. - STK760-221A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results

Similar Description - STK760-221A-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK080 ETC-STK080 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK7358 SANYO-STK7358 Datasheet
57Kb / 3P
   Thick Film Hybrid IC
STK-024 SANYO-STK-024 Datasheet
108Kb / 1P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK437 ETC-STK437 Datasheet
134Kb / 1P
   THICK FILM HYBRID IC
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
logo
Sanyo Semicon Device
STK6722H SANYO-STK6722H Datasheet
114Kb / 3P
   Thick film hybrid IC
logo
List of Unclassifed Man...
STK082G ETC-STK082G Datasheet
131Kb / 1P
   THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com