Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-440A-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK672-440A-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-440A-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK672-440A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-440A-E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
STK672-440A-E
No.A1128-8/21
Timing Charts
2-phase excitation timing charts (M3=1)
1-2-phase excitation timing charts (M3=1)
W1-2-phase excitation timing charts (M3=1)
2W1-2-phase excitation timing charts (M3=1)
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
71%
100%
71%
Vref
Vref
0
1
A phase
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
71%
40%
100%
92%
92%
71%
40%
Vref
Vref
0
1
1
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
1
0
100%
71%
100%
71%
Vref
Vref
0
1
A phase
B phase
B phase
A phase
A phase
B phase
B phase
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
92%
83%
97%
71%
55%
40%
20%
Vref
0
1
1
1
100%
92%
83%
97%
71%
55%
40%
20%
Vref
B
MOI
ITF02581
ITF02580
ITF02583
ITF02582


Similar Part No. - STK672-440A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E_11 Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
More results

Similar Description - STK672-440A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com