Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB451R49 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB451R49
Description  Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB451R49 Datasheet(HTML) 1 Page - Vishay Siliconix

  EB451R49 Datasheet HTML 1Page - Vishay Siliconix EB451R49 Datasheet HTML 2Page - Vishay Siliconix EB451R49 Datasheet HTML 3Page - Vishay Siliconix EB451R49 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
2
EB4
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36001
Revision 14-Aug-02
FEATURES
• Grid Patterns: 0.100" C-C x 0.150" [2.54mm x 3.81mm]
and 0.100" C-C x 0.200" [2.54mm x 5.08mm].
• Standard and right angle terminals.
• Greater design latitude:
4 body materials: Diallyl phthalate, phenolic, glass-filled
polyester and glass-filled polyphenylene sulfied.
7 contact termination styles - 3 Standard, 4 Right Angle.
20 body sizes and 6 mounting styles.
• Selective gold plating.
• Accepts PC board thickness of 0.054" to 0.071" [1.37mm
to 1.80mm].
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without loss
of contact position.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524, Project 77CH3889.
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C,
Standard and Right Angle Terminals
ELECTRICAL SPECIFICATIONS
Current Rating: 3 amps.
Test Voltage Between Contacts:
At sea level: 650VRMS.
At 70,000 feet [21,336 meters]: 275VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current
(with gold plating).
Operating Temperature: - 65
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C, dried
at room temperature for 3 hours minimum, insulation
resistance was greater than 5000 Megohm.
Durability: After 500 cycles of insertion and withdrawal of a
0.070" [1.78mm] thick steel test board, contact resistance
less than 0.030V at 3 amps on gold plated contacts and
individual contact pair separation force when measured with
a 0.054" [1.37mm] thick steel test blade was greater than
1/2 ounce.
Shock:
Three 50g shocks in each of 3 mutually
perpendicular planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular
planes, frequency sweep 10 to 55cps at 0.06 double
amplitude with no loss of continuity.
MATERIAL SPECIFICATIONS
Body Material:
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“2” glass-filled phenolic per MIL-M-14, Type MFH dark
green, flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame
retardant (UL 94V-0).
“5” thermoplastic polyphenylene sulfied, glass filled, brown,
flame retardant (UL 94V-0).
Contacts: Phosphor bronze. (See Ordering Information.)
Polarizing Key: Glass reinforced nylon, flame retardant
(UL 94H-B).
Plating: Gold. (Ordering Information.)
APPLICATIONS
For use with 0.0625" [1.59mm] printed circuit boards requiring
an edgeboard type connector on 0.100" [2.54mm] centers.
ORDERING INFORMATION
15
POLARIZING
KEY POSITIONS
X
MOUNTING
VARIATIONS
SG
CONTACT PLATING
20
CONTACTS
K
STANDARD
TERMINAL
VARIATIONS
EB4
MODEL
3
BODY MATERIAL
C, D, K,
1R, 2R,
3R, 4R
6, 10, 12,
15, 18, 20,
22, 25, 28,
30, 31, 35,
36, 40, 43,
44, 48, 49,
50, 60 and
65 per side.
SG = Selective Gold Plating
(0.00003" [0.000762mm] minimum
thick) on contact area with Gold
Flash on terminal.
SGF = Selective Gold Plating
(0.000010" [0.000254mm]
minimum thick) on contact area
with Gold Flash on terminal.
All Gold Plating over 0.00005"
[0.00127mm] minimum Nickel
Underplate.
Contact factory for additional
plating options.
Key(s) are located to
right of position(s)
designated. Use odd-
numbered contact for
ordering: -1, -3, -5, etc.
Required only when
polarizing keys are to
be factory installed.
NOTE: To order
polarizing keys
individually, specify
Model PK-4.
1 = Diallyl
Phthalate
2 = Phenolic
3 = Glass-filled
Polyester
5 = Glass-filled
Polyphenylene
Sulfied


Similar Part No. - EB451R49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB451R10SGX15 VISHAY-EB451R10SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB451R12SGX15 VISHAY-EB451R12SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB451R15SGX15 VISHAY-EB451R15SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB451R6SGX15 VISHAY-EB451R6SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com