Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ015PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30BQ015PBF
Description  Schottky Rectifier, 3.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ015PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30BQ015PBF Datasheet HTML 1Page - Vishay Siliconix 30BQ015PBF Datasheet HTML 2Page - Vishay Siliconix 30BQ015PBF Datasheet HTML 3Page - Vishay Siliconix 30BQ015PBF Datasheet HTML 4Page - Vishay Siliconix 30BQ015PBF Datasheet HTML 5Page - Vishay Siliconix 30BQ015PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94178
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 14-Aug-08
1
Schottky Rectifier, 3.0 A
30BQ015PbF
Vishay High Power Products
FEATURES
• 125 °C TJ operation (VR < 5 V)
• Optimized for OR-ing applications
• Ultra low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 30BQ015PbF surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and very small foot prints on PC boards. The proprietary
barrier technology allows for reliable operation up to 125 °C
junction temperature. Typical applications are in disk drives,
switching power supplies, converters, freewheeling diodes,
battery charging, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
3.0 A
VR
15 V
IRM
50 mA at 100 °C
Cathode
Anode
SMC
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
15
V
IFSM
tp = 5 µs sine
650
A
VF
1.0 Apk, TJ = 75 °C
0.30
V
TJ
Range
- 55 to 125
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
30BQ015PbF
UNITS
Maximum DC reverse voltage
VR
15
V
Maximum working peak reverse voltage
VRWM
25
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 83 °C, rectangular waveform
3.0
A
50 % duty cycle at TL = 78 °C, rectangular waveform
4.0
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
650
10 ms sine or 6 ms rect. pulse
75
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 0.5 A, L = 12 mH
1.5
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 30BQ015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ015PBF IRF-30BQ015PBF Datasheet
120Kb / 6P
   SCHOTTKY RECTIFIER 3 Amp
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
More results

Similar Description - 30BQ015PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com