Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25TTSPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 25TTSPBF
Description  Phase Control SCR, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTSPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  25TTSPBF Datasheet HTML 1Page - Vishay Siliconix 25TTSPBF Datasheet HTML 2Page - Vishay Siliconix 25TTSPBF Datasheet HTML 3Page - Vishay Siliconix 25TTSPBF Datasheet HTML 4Page - Vishay Siliconix 25TTSPBF Datasheet HTML 5Page - Vishay Siliconix 25TTSPBF Datasheet HTML 6Page - Vishay Siliconix 25TTSPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94385
2
Revision: 11-Aug-08
25TTS...PbF High Voltage Series
Vishay High Power Products Phase Control SCR, 25 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum average on-state current
IT(AV)
TC = 93 °C, 180° conduction half sine wave
16
A
Maximum RMS on-state current
IRMS
25
Maximum peak, one-cycle,
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied
300
10 ms sine pulse, no voltage reapplied
350
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
450
A2s
10 ms sine pulse, no voltage reapplied
630
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
6300
A2
√s
Maximum on-state voltage drop
VTM
16 A, TJ = 25 °C
1.25
V
On-state slope resistance
rt
TJ = 125 °C
12.0
m
Ω
Threshold voltage
VT(TO)
1.0
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.5
mA
TJ = 125 °C
10
Holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A
-
100
Maximum latching current
IL
Anode supply = 6 V, resistive load
200
Maximum rate of rise of off-state voltage
dV/dt
500
V/µs
Maximum rate of rise of turned-on current
dI/dt
150
A/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+ IGM
1.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
60
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
45
Anode supply = 6 V, resistive load, TJ = 125 °C
20
Maximum required DC gate
voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
2.5
V
Anode supply = 6 V, resistive load, TJ = 25 °C
2.0
Anode supply = 6 V, resistive load, TJ = 125 °C
1.0
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.25
Maximum DC gate current not to trigger
IGD
2.0
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.9
µs
Typical reverse recovery time
trr
TJ = 125 °C
4
Typical turn-off time
tq
110


Similar Part No. - 25TTSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
25TTS VISHAY-25TTS Datasheet
148Kb / 7P
   Phase Control SCR, 25 A
Revision: 19-Jun-08
logo
International Rectifier
25TTS08 IRF-25TTS08 Datasheet
97Kb / 7P
   PHASE CONTROL SCR TO-220 FULLPAK
logo
Vishay Siliconix
25TTS08 VISHAY-25TTS08 Datasheet
148Kb / 7P
   Phase Control SCR, 25 A
Revision: 19-Jun-08
25TTS08 VISHAY-25TTS08 Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
More results

Similar Description - 25TTSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTS VISHAY-25TTS Datasheet
148Kb / 7P
   Phase Control SCR, 25 A
Revision: 19-Jun-08
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 18-Jun-13
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 04-Jun-2018
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS0812-M3 VISHAY-VS-25TTS0812-M3 Datasheet
201Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 21-Aug-17
25TTSFPPBF VISHAY-25TTSFPPBF Datasheet
582Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 27-May-08
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 20-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com