Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT9MLNLARR40M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT9MLNLARR40M
Description  Low Profile SMD Type Crystal Units
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT9MLNLARR40M Datasheet(HTML) 1 Page - Vishay Siliconix

  XT9MLNLARR40M Datasheet HTML 1Page - Vishay Siliconix XT9MLNLARR40M Datasheet HTML 2Page - Vishay Siliconix XT9MLNLARR40M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35047
14
Revision: 18-Oct-07
XT49ML
Vishay Dale
Low Profile SMD Type Crystal Units
FEATURES
• Low cost
• Industry standard
• Wide frequency range
• Excellent aging
• Surface mount
• 100 % Lead (Pb)-free and RoHS compliant
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
Fo
MHz
3.200
66.000
Frequency Tolerance
ΔF/Fo
at 25 °C
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25 °C
ppm
± 10
30
± 50
Operating Temperature Range
TOPR
°C
- 20
+ 70
Storage Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
Co
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100 VDC
M
Ω
500
Drive Level
DL
µW
100
500
Aging
Fa
at 25 °C, per year
ppm
- 5.0
+ 5.0
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX ESR(
Ω)
MODE
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)MODE
3.200 to 4.499
150
Fundamental/AT
9.000 to 9.999
60
Fundamental/AT
4.500 to 5.999
120
Fundamental/AT
10.000 to 12.999
50
Fundamental/AT
6.000 to 6.999
100
Fundamental/AT
13.000 to 30.000
40
Fundamental/AT
7.000 to 7.999
90
Fundamental/AT
30.000 to 66.000
80
3rd Overtone
8.000 to 8.999
80
Fundamental/AT
0.150
[3.8] Max
0.403
[10.24] Max
CRYSTAL UNIT
0.138
[3.5] Max
0.012 [0.3] Max
0.008
[0.2] Max
0.150 [3.8] Max
0.078
[2.0]
0.236 [6.0]
0.354 [9.0]
0.201 ± 0.020 [5.1 ± 0.5]
0.449 ± 0.012 [11.4 ± 0.3]
0.508 ± 0.016 [12.9 ± 0.4]
0.031 ± 0.012
[0.8 ± 0.3]
0.185 ± 0.012
[4.7 ± 0.3]
INSULATION BASE
CRYSTAL LEAD
SOLDER PATTERN
ORDERING INFORMATION
XT49ML
MODEL
R
OTR
Blank = Standard
R = - 40 °C to + 85 °C
- 20
LOAD
Blank = Series
- 20 = 20 pF
- 30 = 30 pF
- 32 = 32 pF
20
FREQUENCY/MHz
e2
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
LOAD
CODE
OPTIONS
FREQUENCY
XT
9
ML
L2
0
A
A
N
2
0
M
This part is a miniature AT cut strip crystal unit packaged for
surface mounting.
RoHS
COMPLIANT


Similar Part No. - XT9MLNLARR40M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT9M18ANA100M VISHAY-XT9M18ANA100M Datasheet
103Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 18-Oct-07
XT9M18ANA100M VISHAY-XT9M18ANA100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT9M18ANA12M288 VISHAY-XT9M18ANA12M288 Datasheet
103Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 18-Oct-07
XT9M18ANA12M288 VISHAY-XT9M18ANA12M288 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT9M18ANA40M VISHAY-XT9M18ANA40M Datasheet
103Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 18-Oct-07
More results

Similar Description - XT9MLNLARR40M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 19-Mar-10
XT49M VISHAY-XT49M_V01 Datasheet
113Kb / 3P
   Low Profile SMD Type Crystal Units
01-Jan-2022
XT49M VISHAY-XT49M_10 Datasheet
108Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 19-Mar-10
XT49M VISHAY-XT49M_07 Datasheet
103Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 18-Oct-07
XT49M VISHAY-XT49M Datasheet
169Kb / 1P
   Low Profile SMD Type Crystal Units
Revision: 19-Mar-10
logo
List of Unclassifed Man...
HC-49SM ETC1-HC-49SM Datasheet
50Kb / 1P
   LOW PROFILE SMD RYPE CRYSTAL UNITS
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
   Low Profile Holder Type Crystal Units
logo
Vishay Siliconix
XT49S VISHAY-XT49S Datasheet
97Kb / 1P
   Low Profile Holder Type Crystal Units
Revision: 25-Aug-05
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 19-Mar-10
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 18-Oct-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com