Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235F2-20MI Datasheet(PDF) 10 Page - STMicroelectronics

Part # PSD4235F2-20MI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F2-20MI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PSD4235F2-20MI Datasheet HTML 6Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 7Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 8Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 9Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 10Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 11Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 12Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 13Page - STMicroelectronics PSD4235F2-20MI Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
PSD4235G2
10/89
DEVELOPMENT SYSTEM
The PSD family is supported by PSDsoft Express,
a Windows-based software development tool
(Windows-95, Windows-98, Windows-2000, Win-
dows-NT). A PSD design is quickly and easily pro-
duced in a point and click environment. The
designer does not need to enter Hardware De-
scription Language (HDL) equations, unless de-
sired, to define PSD pin functions and memory
map information. The general design flow is
shown in Figure 5. PSDsoft Express is available
from our web site (the address is given on the back
page of this data sheet) or other distribution chan-
nels.
PSDsoft Express directly supports two low cost
device programmers form ST: PSDpro and
FlashLINK (JTAG). Both of these programmers
may be purchased through your local distributor/
representative, or directly from our web site using
a credit card. The PSD is also supported by thid
party device programmers. See our web site for
the current list.
Figure 5. PSDsoft Express Development Tool
Merge MCU Firmware
with PSD Configuration
PSD Programmer
*.OBJ FILE
PSDPro, or
FlashLINK (JTAG)
A composite object file is created
containing MCU firmware and
PSD configuration
C Code Generation
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
MICROCONTROLLER
COMPILER/LINKER
*.OBJ FILE
AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
(CONVENTIONAL or
JTAG-ISC)
MCU FIRMWARE
HEX OR S-RECORD
FORMAT
AI04919
Define General Purpose
Logic in CPLD
Point and click definition of combin-
atorial and registered logic in CPLD.
Access HDL is available if needed
Define PSD Pin and
Node Functions
Point and click definition of
PSD pin functions, internal nodes,
and MCU system memory map
Choose MCU and PSD
Automatically configures MCU
bus interface and other
PSD attributes


Similar Part No. - PSD4235F2-20MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F2-20MI STMICROELECTRONICS-PSD4235F2-20MI Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4235F2-20MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com