Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10BQ040PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 10BQ040PBF
Description  Schottky Rectifier, 1.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

10BQ040PBF Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94112
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-08
3
10BQ040PbF
Schottky Rectifier, 1.0 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
10
1
VFM - Forward Voltage Drop (V)
0.1
0.2
0.4
0.6
0.8
1.0
T
J = 25 °C
T
J = 150 °C
T
J = 125 °C
10
0.01
0.001
VR - Reverse Voltage (V)
0
0.0001
10
40
20
30
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
0.1
1
515
25
35
1000
100
VR - Reverse Voltage (V)
0
10
40
10
20
30
T
J = 25 °C
t1 - Rectangular Pulse Duration (s)
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
100
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.33
D = 0.25
D = 0.20
D = 0.50


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn