Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO5MDTFHNA4M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO5MDTFHNA4M
Description  Half Size Clock Oscillator Enable/Disable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO5MDTFHNA4M Datasheet(HTML) 1 Page - Vishay Siliconix

  XO5MDTFHNA4M Datasheet HTML 1Page - Vishay Siliconix XO5MDTFHNA4M Datasheet HTML 2Page - Vishay Siliconix XO5MDTFHNA4M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35026
30
Revision: 05-Mar-07
XOSM-52
Vishay Dale
Half Size Clock Oscillator Enable/Disable
The XOSM-52 series oscillator is half size, has Tri-state
enable/disable controlled function. The metal package with
pin#4 case ground acts as shielding to minimize EMI radiation.
FEATURES
• Tri-state enable/disable
• 8 pin half size
• Industry standard
• Wide frequency range
• Low cost
• Resistance weld package
• 5 V
• Lead (Pb)-free and RoHS compliant
* Include: 25 ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in inches [millimeters]
RoHS
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XOSM-52
Frequency Range
FO
1 MHz ~ 100.00 MHz
Frequency Stability*
All Condition*
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating Temperature Range
TOPR
0 °C ~ 70 °C (- 40 °C ~ + 85 °C option)
Storage Temperature Range
TSTG
- 55 °C ~ + 125 °C
Power Supply Voltage
VDD
5.0 V ± 10 %
Aging (First Year)
25 ºC ± 3 ºC
± 5 ppm
Supply Current
IDD
1 MHz to 23.999 MHz
20 mA Max
24.000 MHz to 49.999 MHz
30 mA Max
50.000 MHz to 69.999 MHz
40 mA Max
70.000 MHz to 100.000 MHz
60 mA Max
Output Symmetry
Sym
At 1/2 VDD
40/60 % (45/55 % Option)
Rise Time
Tr
20 % VDD ~ 80 % VDD
10 ns Max
Fall Time
Tf
80 % VDD ~ 20 % VDD
10 ns Max
Output Voltage
VOH
90 % VDD Min
VOL
10 % VDD Max
Output Load
TTL Load
1 ~ 10 TTL
HCMOS Load
~ 50 M : 50 pF
~ 70 M : 30 pF
~ 100 M : 15 pF
Start-up Time
Ts
10 ms Max
Pin 1, tri-state function
Pin 1 = H or open... Output active at pin 5
HCMOS TEST CIRCUIT
HCMOS OUTPUT WAVEFORM
VOH
VOL
Tr
Tf
90 %VDD
50 %VDD
10 %VDD
GND
T1
T0 = 1/Fo
SYMMETRY =
x 100 %
T1
T0
+ 5.0 V
Test Point
CL**
0.01 µF
CMOS Load
**Includes Stray and Probe Capacitance
INH
+ 3.3 V
Enable/Disable function
ENABLE/DISABLE FUNCTION
INPUT (PIN 1)
OPEN
VIH
≥ 2.2 VDC
OUTPUT (PIN 5)
ENABLE
ENABLE
PIN
#1
#4
#5
#8
CONNECTION
N.C
GND
OUTPUT
VDD
A
V
#8
#1
#5
#4
CL
spec. sheet)
= 15 pF or 50 pF
(see individual
0.426 ± 0.004
[10.82 ± 0.102]
0.306
[7.77]
Max
0.070 [1.78] Max
0.508
[12.9] Max
0.300 ± 0.004
[7.62 ± 0.102]
0.300 ± 0.004
[7.62 ± 0.102]
0.508
[12.9] Max
0.512
[13.1] Max
0.018
[0.45]
STD
14
85
STANDARD PIN ORIENTATION
0.508
[12.9] Max
0.300 ± 0.004
[7.62 ± 0.102]
0.300 ± 0.004
[7.62 ± 0.102]
0.508
[12.9] Max
0.512
[13.1] Max
0.018
[0.45]
- 85
1
4
8
5
- 85 PIN ORIENTATION
ORDERING INFORMATION
XOSM-52
MODEL
B
FREQUENCY STABILITY
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm)
Standard
R
OTR
Blank = 0 °C to 70 °C
R = - 40 °C to + 85 °C
E
ENABLE/DISABLE
Blank = Pin 1 open
E = Disable to Tristate
40 M
FREQUENCY/MHz
e2
JEDEC LEAD
(Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
FREQUENCY
STABILITY
OTR
ENABLE/
DISABLE
PACKAGE
CODE
OPTIONS
FREQUENCY
X
O
5
M
C
T
E
L
N
A
4
0
M


Similar Part No. - XO5MDTFHNA4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO5MDTFHNA4M VISHAY-XO5MDTFHNA4M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XO5MDTFHNA4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-52 VISHAY-XO-52_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
logo
Connor-Winfield Corpora...
SMH54RA CONNOR-WINFIELD-SMH54RA Datasheet
101Kb / 1P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR WITH ENABLE / DISABLE
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com