Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XOSM-52 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # XOSM-52
Description  Half Size Clock Oscillator Enable/Disable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XOSM-52 Datasheet(HTML) 3 Page - Vishay Siliconix

  XOSM-52_07 Datasheet HTML 1Page - Vishay Siliconix XOSM-52_07 Datasheet HTML 2Page - Vishay Siliconix XOSM-52_07 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - XOSM-52_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-52A40ME2 VISHAY-XOSM-52A40ME2 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XOSM-52A40ME2 VISHAY-XOSM-52A40ME2 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52AA40ME2 VISHAY-XOSM-52AA40ME2 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XOSM-52AA40ME2 VISHAY-XOSM-52AA40ME2 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52AAE40ME2 VISHAY-XOSM-52AAE40ME2 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
More results

Similar Description - XOSM-52_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-52 VISHAY-XO-52_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
logo
Connor-Winfield Corpora...
SMH54RA CONNOR-WINFIELD-SMH54RA Datasheet
101Kb / 1P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR WITH ENABLE / DISABLE
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com