Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP22NF03L Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP22NF03L
Description  N-channel 30 V, 0.0038 廓, 22 A, TO-220 STripFET??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NF03L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP22NF03L Datasheet HTML 4Page - STMicroelectronics STP22NF03L Datasheet HTML 5Page - STMicroelectronics STP22NF03L Datasheet HTML 6Page - STMicroelectronics STP22NF03L Datasheet HTML 7Page - STMicroelectronics STP22NF03L Datasheet HTML 8Page - STMicroelectronics STP22NF03L Datasheet HTML 9Page - STMicroelectronics STP22NF03L Datasheet HTML 10Page - STMicroelectronics STP22NF03L Datasheet HTML 11Page - STMicroelectronics STP22NF03L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STP22NF03L
10/12
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Similar Part No. - STP22NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
   N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET??POWER MOSFET
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
227Kb / 12P
   N-channel 30V - 0.0038廓 - 22A - TO-220 STripFET??II Power MOSFET
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
   N-channel 30V - 0.0038廓 - 22A - TO-220 STripFET??II Power MOSFET
More results

Similar Description - STP22NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
   N-channel 30V - 0.0038廓 - 22A - TO-220 STripFET??II Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STP80NF70 STMICROELECTRONICS-STP80NF70 Datasheet
429Kb / 13P
   N-channel 68 V, 0.0082 廓, 98 A, TO-220 STripFET??II Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
   N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com