Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040B30H5TA Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # LM4040B30H5TA
Description  Precision micropower shunt voltage references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

LM4040B30H5TA Datasheet(HTML) 5 Page - Zetex Semiconductors

  LM4040B30H5TA Datasheet HTML 1Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 2Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 3Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 4Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 5Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 6Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 7Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 8Page - Zetex Semiconductors LM4040B30H5TA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM4040 - 5.0
Issue 4 - July 2008
5
www.zetex.com
© Diodes Incorporated
www.diodes.com
Electrical characteristics
Over recommended operating conditions, Tamb = 25°C, unless otherwise stated.
Symbol Parameter
Conditions
Typ.
LM404
B limits
LM4040
C limits
LM4040
D limits
Units
Tamb
VREF
Reverse
breakdown
voltage
IR = 100 A25°C
5.0
5.0
V
Reverse
breakdown
voltage tolerance
IR = 100 A
25°C
±10
±25
±50
mV
-40 to 85°C
±43
±58
±99
-40 to 125°C
±60
±75
±125
IRMIN
Minimum
operating current
25°C
54
74
74
79
A
-40 to 85°C
80
80
85
-40 to 125°C
83
83
88
VR/ T
Average reverse
breakdown
voltage
temperature
coefficient
IR = 10mA
-40 to 125°C
±30
ppm/°C
IR = 1mA,
±20
100
±100
±150
IR = 100 A±20
VR/ IR
Reverse
breakdown
change with
current
IRMIN < IR
< 1mA
25°C
0.5
1.0
1.0
1.3
mV
-40 to 85°C
1.4
1.4
1.8
-40 to 125°C
1.4
1.4
1.8
1mA < IR <
15 mA
25°C
3.5
8.0
8.0
10.0
-40 to 85°C
12.0
12.0
15.0
-40 to 125°C
12.0
12.0
15.0
ZR
Dynamic output
impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.5
1.1
1.1
1.5
en
Noise voltage
IR = 100 A
10Hz < f < 10kHz
80
VRMS
VR
Long term
stability (non
cumulative)
t = 1000Hrs IR = 100 A120
ppm
VHYST
Thermal
hysteresis
T = -40°C to +125°C
0.08
%


Similar Part No. - LM4040B30H5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM4040B30H5TA DIODES-LM4040B30H5TA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results

Similar Description - LM4040B30H5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com