Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL60NH3LL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL60NH3LL
Description  N-channel 30 V - 0.0065 廓 - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60NH3LL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL60NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 9Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 10Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 11Page - STMicroelectronics STL60NH3LL_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STL60NH3LL
8/13
The previous curve gives the single pulse safe operating area for unclamped inductive loads
under the following conditions:
PD(AVE) =0.5*(1.3*BVDSS *IAV )
EAS(AR) =PD(AVE) *tAV
Where:
IAV is the allowable current in avalanche
PD(AVE) is the average power dissipation in avalanche (single pulse)
tAV is the time in avalanche
Figure 13. Allowable Iav vs Time in Avalanche
Figure 14.
Allowable Iav vs Time in Avalanche


Similar Part No. - STL60NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
   N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
More results

Similar Description - STL60NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL_07 Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
   N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
   N-channel 30 V, 0.0016 廓, 33 A PowerFLAT??(6x5) STripFET??VI DeepGATE??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com