Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL20NM20N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL20NM20N
Description  N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20NM20N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL20NM20N Datasheet HTML 2Page - STMicroelectronics STL20NM20N Datasheet HTML 3Page - STMicroelectronics STL20NM20N Datasheet HTML 4Page - STMicroelectronics STL20NM20N Datasheet HTML 5Page - STMicroelectronics STL20NM20N Datasheet HTML 6Page - STMicroelectronics STL20NM20N Datasheet HTML 7Page - STMicroelectronics STL20NM20N Datasheet HTML 8Page - STMicroelectronics STL20NM20N Datasheet HTML 9Page - STMicroelectronics STL20NM20N Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STL20NM20N
6/10
Figure 15: Unclamped Inductive Load Test Cir-
cuit
Figure 16: Switching Times Test Circuit For
Resistive Load
Figure 17: Test Circuit For Inductive Load
Switching and Diode Recovery Times
Figure 18: Unclamped Inductive Wafeform
Figure 19: Gate Charge Test Circuit


Similar Part No. - STL20NM20N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
More results

Similar Description - STL20NM20N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STP30NM30N STMICROELECTRONICS-STP30NM30N Datasheet
290Kb / 12P
   N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
STL21N65M5 STMICROELECTRONICS-STL21N65M5 Datasheet
894Kb / 14P
   N-channel 650 V, 0.175 廓, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh??V Power MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com