Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK850 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STK850
Description  N-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK850 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STK850_07 Datasheet HTML 4Page - STMicroelectronics STK850_07 Datasheet HTML 5Page - STMicroelectronics STK850_07 Datasheet HTML 6Page - STMicroelectronics STK850_07 Datasheet HTML 7Page - STMicroelectronics STK850_07 Datasheet HTML 8Page - STMicroelectronics STK850_07 Datasheet HTML 9Page - STMicroelectronics STK850_07 Datasheet HTML 10Page - STMicroelectronics STK850_07 Datasheet HTML 11Page - STMicroelectronics STK850_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
STK850
8/16
The previous curve gives the single pulse safe operating area for unclamped inductive
loads, under the following conditions:
PD(AVE) =0.5*(1.3*BVDSS *IAV)
EAS(AR) =PD(AVE) *tAV
Where:
IAV is the allowable current in avalanche
PD(AVE) is the average power dissipation in avalanche (single pulse)
tAV is the time in avalanche
Figure 14. Allowable IAV vs time in avalanche


Similar Part No. - STK850_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
More results

Similar Description - STK850_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
   N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK822 STMICROELECTRONICS-STK822 Datasheet
462Kb / 15P
   N-channel 25 V - 0.00175 廓 - 38 A - PolarPAK짰 STripFET??Power MOSFET
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
STK24N4LLH5 STMICROELECTRONICS-STK24N4LLH5 Datasheet
335Kb / 13P
   N-channel 40 V, 0.0046 廓, 24 A, PolarPAK짰 STripFET?줧 Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com