Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNCH2152BRB14 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RNCH2152BRB14
Description  Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RNCH2152BRB14 Datasheet(HTML) 1 Page - Vishay Siliconix

  RNCH2152BRB14 Datasheet HTML 1Page - Vishay Siliconix RNCH2152BRB14 Datasheet HTML 2Page - Vishay Siliconix RNCH2152BRB14 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ff2bresistors@vishay.com
Document Number: 31025
52
Revision: 08-Jul-08
ERC (Military RNC/RNR)
Vishay Dale
Metal Film Resistors, Military/Established Reliability,
MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K
FEATURES
• Meets requirements of MIL-PRF-55182
• Very low noise (- 40 dB)
• Verified Failure Rate (Contact factory for current level)
• 100 % stabilization and screening tests. Group A testing, if
desired, to customer requirements
• Controlled temperature coefficient
• Epoxy coating provides superior moisture protection
• Standard lead on RNC product is solderable and weldable
• Traceability of materials and processing
• Monthly acceptance testing
• Vishay Dale has complete capability to develop specific
reliability programs designed to customer requirements
• Extensive stocking program at distributors and factory on
RNC50, RNC55, RNC60 and RNC65
• For MIL-PRF-55182 Characteristics E and C product, see
Vishay Angstrohm’s HDN (Military RNR/RNN) data sheet
Note
(1) Consult factory for current QPL failure rates
Standard resistance tolerances: ± 0.1 % (B), ± 0.5 % (D) and ± 1 % (F). ± 0.1 % not applicable to Characteristic K
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY
DALE
MODEL
MIL-PRF-55182
TYPE
POWER
RATING
RESISTANCE
TOLERANCE
%
MAXIMUM
WORKING
VOLTAGE
RESISTANCE RANGE (
Ω) (1)
LIFE
FAILURE
RATE (1)
P70 °C
W
P125 °C
W
100 ppm/°C
(K)
50 ppm/°C
(H)
25 ppm/°C
(J)
ERC50
RNC50, RNR50
0.10
0.05
± 0.1, ± 0.5, ± 1
200
10R - 796K
10R - 796K
10R - 796K
M, P, R, S
ERC55
RNC55, RNR55 0.125
0.10
± 0.1, ± 0.5, ± 1
200
10R - 2M0
10R - 2M0
10R - 2M0
M, P, R, S
ERC55..200 RNC60, RNR60
0.25
0.125
± 0.1, ± 0.5, ± 1
250
10R - 3M01
10R - 3M01
10R - 3M01
M, P, R, S
ERC65
RNC65, RNR65
0.50
0.25
± 0.1, ± 0.5, ± 1
300
10R - 3M01
10R - 3M01
10R - 3M01
M, P, R
ERC70
RNC70, RNR70
0.75
0.50
± 0.1, ± 0.5, ± 1
350
10R - 3M01
10R - 3M01
10R - 3M01
M, P, R
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
Voltage Coefficient, max.
ppm/°C
5/V when measured between 10 % and full rated voltage
Dielectric Strength
VAC
RNC50, RNC55 and RNC60 = 450; RNC65 and RNC70 = 900
Insulations Resistance
Ω≥ 1011 dry; ≥ 109 after moisture test
Operating Temperature Range
°C
- 65 to + 175
Terminal Strength
lb
2 lb pull test on RNC50, RNC55, RNC60 and RNC65; 4.5 lb pull test on RNC70
Solderability
Continuous satisfactory coverage when tested in accordance with MIL-STD-202, Method 208
Weight
g
RNC50 = 0.11; RNC55 = 0.35; RNC60 = 0.35; RNC65 = 0.84; RNC70 = 1.60
GLOBAL PART NUMBER INFORMATION
MIL STYLE
RESISTANCE
VALUE
CODE
RNC = Solderable/
J = ± 25 ppm
3 digit significant
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
M = 1.0 %/1000 h
B14 = Tin/Lead, Bulk
BSL = Tin/Lead, Bulk,
Single Lot Date Code
R36 = Tin/Lead,
T/R (Full; 50, 55, 60)
R64 = Tin/Lead,
T/R (Full; 65, 70)
RE6 = Tin/Lead,
T/R (1000 pieces)
RSL = Tin/Lead, T/R,
Single Lot Date Code
Weldable
figure, followed
P = 0.1 %/1000 h
(Dash Number)
RNR = Solderable
by a multiplier
R = 0.01 %/1000 h
(up to 3 digits)
only
10R0 = 10
Ω
S = 0.001%/1000h
From 1 - 999
2152 = 21.5 k
Ω
as applicable
3014 = 3.01 M
Ω
New Global Part Numbering: RNC55H2152FRR36 (preferred part numbering format)
RN
C
5
5
H
2
1
5
2
F
R
R
3
6
Historical Part Number example: RNC55H2152FR R36 (will continue to be accepted)
RNC55
H
2152
F
R
R36
MIL STYLE
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
FAILURE RATE
PACKAGING
(see Standard
Electrical
Specifications
table)
Blank = Standard
SPECIAL
4 = Hot Solder Dip (70’s)
31= Hot Solder Dip (50’s)
65 = Hot Solder Dip (55’s)
65 = Hot Solder Dip (65’s)
201= Hot Solder Dip (60’s)
CHARACTERISTICS
FAILURE
RATE
PACKAGING
K
= ± 100 ppm
H
= ± 50 ppm
TOLERANCE


Similar Part No. - RNCH2152BRB14

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCH2010BKC10R0 SEI-RNCH2010BKC10R0 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH2010BKC1M00 SEI-RNCH2010BKC1M00 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH2010BKC4K75 SEI-RNCH2010BKC4K75 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH2010BKC800K SEI-RNCH2010BKC800K Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCH2010BKE10R0 SEI-RNCH2010BKE10R0 Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results

Similar Description - RNCH2152BRB14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
HDN VISHAY-HDN Datasheet
112Kb / 5P
   Hermetic Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNR, Characteristics E and C
Revision: 15-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR20C1000GRB14 VISHAY-RLR20C1000GRB14 Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
HDN VISHAY-HDN_15 Datasheet
90Kb / 4P
   Metal Film Resistors, Military/Established Reliability,Hermetically-Sealed, MIL-PRF-55182 Qualified, Precision, Type RNR, Characteristics E and C
Revision: 15-Nov-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com